Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9921 Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc HV9921 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
DSFP# HV9921/22/23
NR092005
HV9921/HV9922/HV9923
2
13
Uncontrolled
Lead Dia.
Typ
MIN
Seating Plane
D
A
L
e1
e
b
5° NOM
Before Lead Finish
R NOM
10° NOM
1
2
3
0.190 ± 0.020
(4.826 ± 0.508)
0.190 ± 0.020
(4.826 ± 0.508)
0.050 ± 0.005
(1.270 ± 0.127)
0.500
(12.700)
0.018
(0.457)
0.100 ± 0.005
(2.540 ± 0.127)
MAX
0.050
(1.270)
0.015 ± 0.005
(0.381 ± 0.127)
Typ
0.090
(2.286)
0.050 ± 0.005
(1.270 ± 0.127)
0.140 ± 0.005
(3.556 ± 0.127)
C
H
E
3 Lead TO-92 Plastic Package (N3)
D
H
E
L
b
1
e
A
C
b
2
e
1
b
3
M
K
0.059 ±0.004
(1.499 ± 0.102)
0.068 ±0.004
(1.727 ± 0.102)
0.177 ±0.004
(4.496 ± 0.102)
0.016 ±0.002
(0.394 ± 0.038)
0.087 ±0.003
(2.210 ± 0.076)
0.039 ±0.002
(0.990 ± 0.060)
0.048 ±0.001
(1.225 ± 0.025)
0.118
(2.997)
0.020 ±0.003
(0.508 ± 0.076)
0.017 ±0.003
(0.419 ± 0.064)
0.041 ±0.006
(1.041 ± 0152)
0.161 ±0.006
(4.089 ± 0.152)
0.096 ±0.006
(2.438 ± 0.152)
0.059
(1.499)
BSC
BSC
3-Lead TO-243 (SOT-89) Surface Mount Package (N8)
Inches
(millimeters)
Measurement =
Note: Circle (eg. ©) indicates JEDEC reference.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com