Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1813 Datasheet(PDF) 4 Page - Supertex, Inc

Part # MD1813
Description  High Speed Quad MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1813 Datasheet(HTML) 4 Page - Supertex, Inc

  MD1813 Datasheet HTML 1Page - Supertex, Inc MD1813 Datasheet HTML 2Page - Supertex, Inc MD1813 Datasheet HTML 3Page - Supertex, Inc MD1813 Datasheet HTML 4Page - Supertex, Inc MD1813 Datasheet HTML 5Page - Supertex, Inc MD1813 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NR031706
MD1813
Outputs
(V
H = VDD = 12V, VL = VSS = GND = 0V, VNEG = -12V, VOE = 3.3V, TJ = 25
OC)
R
SINK
Output sink resistance
-
-
12.5
Ω
I
SINK = 50mA
R
SOURCE
Output source resistance
-
-
12.5
Ω
I
SOURCE = 50mA
I
SINK
Peak output sink current
-
2.0
-
A
---
I
SOURCE
Peak output source current
-
2.0
-
A
---
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
t
irf
Input or OE rise & fall time
-
-
10
ns
Logic input edge speed requirement
t
PLH
Propagation delay when output is
from low to high
-7.0
-
ns
C
LOAD = 1000pF, see timing diagram
Input signal rise/fall time 2ns
t
PHL
Propagation delay when output is
from high to low
-7.0
-
ns
t
POE
Propagation delay OE to output
-
9.0
-
ns
t
PCG
Propagation delay IN
C to OUTG
-28
-
ns
t
r
Output rise time
-
6.0
-
ns
t
f
Output fall time
-
6.0
-
ns
l t
r - tf l
Rise and fall time matching
-
1.0
-
ns
for each channel
l t
PLH-tPHL l
Propagation low to high and high
to low matching
-1.0
-
ns
∆t
dm
Propagation delay matching
-
±2.0
-
ns
Device to device delay match
Logic Inputs
Output
OE
IN
A
IN
B
OUT
A
OUT
B
HL
L
V
H
V
H
HL
H
V
H
V
L
HH
L
V
L
V
H
HHH
V
L
V
L
LX
X
V
H
V
L
OE*
IN
C
IN
D
OUT
C
OUT
G
OUT
D**
LL
V
H
V
SS
V
L
LH
V
H
V
SS
V
H
HL
V
L
V
NEG
V
L
HH
V
L
V
NEG
V
H
Note:
* No control to OUT
G , OUTC , or OUTD ,
** OUT
D is non-inverting output
AC Electrical Characteristics
(V
H = VDD = 12V, VL = VSS = GND = 0V, VNEG = -12V, VOE = 3.3V, TJ = 25
OC)
Logic Truth Table



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com