Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6320TG Datasheet(PDF) 2 Page - Supertex, Inc

Part # TC6320TG
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320TG Datasheet(HTML) 2 Page - Supertex, Inc

  TC6320TG Datasheet HTML 1Page - Supertex, Inc TC6320TG Datasheet HTML 2Page - Supertex, Inc TC6320TG Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC6320
________________________________________________________________________________
Supertex, Inc.
January 21, 2003
2
BVDSS / BVDGS
RDS(ON) (max)
Order Number / Package
N-Channel
P-Channel
N-Channel
P-Channel
SO-8
200V
-200V
7.0
8.0
TC6320TG
N-Channel Electrical Characteristics (at TA=25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BVDSS
Drain-to-Source
Breakdown Voltage
200
V
VGS=0V, ID=2mA
VGS(th)
Gate Threshold Voltage
1.0
2.0
V
VGS=VDS, ID=1mA
∆VGS(th)
Change in VGS(th) with Temperature
-4.5
mV/°C
VGS=VDS, ID=1mA
RGS
Gate-Source Shunt Resistor
10
50
K
IGS=100µA
∆RGS
Change in RGS with Temperature
TBD
%/°C
IGS=100µA
VzGS
Gate-Source Zener Voltage
13.2
25
V
IGS=2mA
∆VzGS
Change in VzGS with Temperature
TBD
mV/°C
IGS=2mA
10
µA
VGS=0V, VDS=Max Rating
IDSS
Zero Gate Voltage Drain Current
1.0
mA
VGS=0V, VDS=0.8 Max
Rating, TA=125°C
1.0
VGS=4.5V, VDS=25V
ID(ON)
On-State Drain Current
2.0
A
VGS=10V, VDS=25V
8.0
VGS=4.5V, ID=150mA
RDS(ON)
Static Drain-to-Source
ON-State Resistance
7.0
VGS=10V, ID=1.0A
∆RDS(ON) Change in RDS(ON) with Temperature
1.0
%/°C
VGS=4.5V, ID=150mA
GFS
Forward Transconductance
400
mmho
VDS=25V, ID=200mA
CISS
Input Capacitance
110
COSS
Common Source Output Capacitance
60
CRSS
Reverse Transfer Capacitance
23
pF
VGS=0V, VDS=25V
f=1MHz
td(ON)
Turn-ON Delay Time
10
tr
Rise Time
15
td(OFF)
Turn-Off Delay Time
20
tf
Fall Time
15
ns
VDD=25V,
ID=1.0A
RGEN=25
VSD
Diode Forward Voltage Drop
1.8
V
VGS=0V, ISD=0.5A
trr
Reverse Recovery Time
300
ns
VGS=0V, ISD=0.5A
Notes:
1) All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.)
2) All AC parameters sample tested.
N-Channel Switching Waveforms and Test Circuit
RGEN
Input
Pulse
Generator
VDD
RL
D.U.T
OUTPUT
10V
0V
0V
V
DD
td(OFF)
Input
Output
tr
tf
td(ON)
t(ON)
t(OFF)
10%
90%
90%
10%
90%
10%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com