Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4631 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4631
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4631 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4631 Datasheet HTML 17Page - Analog Devices LTM4631 Datasheet HTML 18Page - Analog Devices LTM4631 Datasheet HTML 19Page - Analog Devices LTM4631 Datasheet HTML 20Page - Analog Devices LTM4631 Datasheet HTML 21Page - Analog Devices LTM4631 Datasheet HTML 22Page - Analog Devices LTM4631 Datasheet HTML 23Page - Analog Devices LTM4631 Datasheet HTML 24Page - Analog Devices LTM4631 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
LTM4686B
21
Rev. 0
For more information www.analog.com
OPERATION
POWER MODULE INTRODUCTION
The LTM4686B is a highly configurable dual 14A (17A
peak) output standalone nonisolated switching mode step-
down DC/DC power supply with built-in EEPROM NVM
(nonvolatile memory) with ECC and I2C-based PMBus/
SMBus 2-wire serial communication interface capable
of 400kHz SCL bus speed. Two output voltages can be
regulated (VOUT0, VOUT1—collectively, VOUTn) with a few
external input and output capacitors and pull-up resistors.
Readback telemetry data of average input and output volt-
ages and currents, Channel PWM duty cycles, and mod-
ule temperatures are continually digitized cyclically by an
integrated 16-bit ADC (analog-to-digital converter). Many
fault thresholds and responses are customizable. Data can
be autonomously saved to EEPROM when a fault occurs,
and the resulting fault log can be retrieved over I2C at a
later time, for analysis.
The LTM4686B provides precisely regulated output volt-
ages between 0.5VDC to 3.6VDC (±0.5% above 1VDC,
±5mV below 1VDC). The target output voltage can be
set according to pin-strapping resistors (VOUTnCFG and
VTRIMnCFG pins), NVM/register settings, and altered on
the fly via the I2C interface. The output voltage can be
modified by the user at any time with a write to PMBus
VOUT_COMMAND. Executing this command has a typical
latency less than 10ms. Writes to PMBus OPERATION
have a typical latency less than 1ms. The NVM factory-
default switching frequency is 1MHz and the phase-
interleaving angle between its two channels is 180°.
Channel switching frequency, phase angle, and phase
relationship with respect to the falling edge of the SYNC
pin waveform can be configured according to a pin-strap
resistor (FSWPHCFG pin) and NVM/register settings—
though, not on the fly during regulation. The 7-bit I2C
slave address of the module defaults to the value retrieved
from MFR_ADDRESS[6:0] at power-up (factory default:
0x4F), but the least significant four bits of the address
are set by resistor pin-strapping the ASEL pin. Bits[6:4]
of MFR_ADDRESS can be written and stored to EEPROM.
Between the ASEL resistor pin-strap and user-configu-
rable MFR_ADDRESS[6:4], the LTM4686B can take on
any 7-bit slave address desired. With the exception of
the ASEL pin, the module can be configured to ignore all
pin-strap resistors, if desired (see MFR_CONFIG_ALL[6]).
Table  1 provides a summary of LTM4686B’s supported
PMBus commands. For details on the supported com-
mands, payloads and data formats see Appendix C: PMBus
Command Details.
For introductory information about the PMBus
Specification, see Appendix A: Similarity Between PMBus,
SMBus and I2C 2-Wire Interface. For information about
the data communication link layer and timing diagrams,
see Appendix B: PMBus Serial Digital Interface.
Major features of the LTM4686B strictly from a DC/DC
converter power delivery point of view are as follows:
n
Up to 14A (17A peak) Output Current Delivery from
Each of Two Integrated Power Stages (See Front Page
Figure)—or Up to 28A (34A peak) Output, Combined
(See Figure 29 and Figure 35).
n
DC/DC Step-Down Conversion from 4.5V to 5.75V
Input. (see Figure 29).
n
DC/DC Step-Down Conversion Possible from Less
Than 4.5V Input When an Auxiliary 5V Bias Supply
Powers SVIN and INTVCC (see Figure 31).
n
Wide Input Voltage Range: DC/DC Step-Down
Conversion from 2.375V to 5.75V Input, Driving SVIN
and INTVCC with ~5V Auxiliary Bias (see Test Circuit 2).
n
Output Voltage Range: 0.5V to 3.6V on both VOUT0 and
VOUT1.
n
Differential Remote Sensing of VOUT0 (VOSNS0+/
VOSNS0–). For paralleled outputs, the VOSNS0+/VOSNS0–
pin-pair can be configured as the feedback path for
both VOUT0 and VOUT1 (see Figure 35 and, optionally,
MFR_PWM_CONFIG[7]).
n
Start-Up Into a Prebiased Load Without Sinking Current.
n
Four LTM4686Bs Can Be Paralleled to Deliver Up to
~108A (See Figure 32).
n
One LTM4686B Can Be Paralleled with Three LTM4650
Modules to Deliver Up to 174A; Infer Rail Status
and Telemetry of Paralleled LTM4650 via the Sole
LTM4686B (See Figure 33).
n
Discontinuous Mode Operation Available for Higher
Light-Load Efficiency (MFR_PWM_MODEn[0]).
n
Output Current Limit and Overvoltage Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com