Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS52BF Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SS52BF
Description  Surface Mount Schottky Barrier Rectifier VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SS52BF Datasheet(HTML) 1 Page - Rectron Semiconductor

  SS52BF Datasheet HTML 1Page - Rectron Semiconductor SS52BF Datasheet HTML 2Page - Rectron Semiconductor SS52BF Datasheet HTML 3Page - Rectron Semiconductor SS52BF Datasheet HTML 4Page - Rectron Semiconductor SS52BF Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Schottky Barrier Rectifier
VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Amperes
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SS52BF
THRU
SS520BF
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless ot herwise noted)
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2. Thermal resistance junction to terminal, 5X5mm2 copper pads to each terminal.
* Metal silicon junction, majority carrier conductionl
* For surface mounted applications
* Low power loss, high efficiency
* High forward surge current capability
* For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
* Epoxy : Device has UL flammability classification 94V-0
2017-07
REV:O1
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
1.0
50
@TA = 25
oC
@TA = 100
oC
0.55
mAmps
UNITS
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermaesistance
SYMBOL
VRRM
VDC
IFSM
(Note 2)
R JA
TJ,TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
5.0
150
27
45
Amps
0C/ W
pF
Operating and Storage Temperature Range
IO
800
0C/ W
Typical Junction Capacitance (Note 1)
CJ
SS52BF SS54BF SS56BF SS58BF SS510BF SS512BF SS515BF SS520BF
20
60
100
200
40
-55 to + 150
0 C
R JL
80
120
20
60
100
200
40
80
120
14
42
70
140
28
56
84
MECHANICAL DATA
I
2T
A
2S
93.37
Typical Current Squared Time
* Case: SMBF
150
105
150
0.70
0.85
500
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF and symbol
1
2
SS52BF SS54BF SS56BF SS58BF SS510BF SS512BF SS515BF SS520BF


Similar Part No. - SS52BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS52BF CHENDA-SS52BF Datasheet
742Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS52BF YFWDIODE-SS52BF Datasheet
164Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
SS52BF SEMIPOWER-SS52BF Datasheet
121Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS52BF HDSEMI-SS52BF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS52BF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Rectron Semiconductor
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
FM520 RECTRON-FM520 Datasheet
404Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM520L RECTRON-FM520L Datasheet
360Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
SR1020K RECTRON-SR1020K Datasheet
197Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 10.0 Amperes
KDB3200S RECTRON-KDB3200S Datasheet
215Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 3.0 Amperes
2020-04/97 REV:A
FM520V RECTRON-FM520V Datasheet
425Kb / 7P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
2018-05 REV: F
MBR20200CS RECTRON-MBR20200CS Datasheet
657Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20 Amperes
2022-04/52 REV:A
SR4020C RECTRON-SR4020C Datasheet
865Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com