Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGS8458Z Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGS8458Z
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8458Z Datasheet(HTML) 5 Page - NXP Semiconductors

  BGS8458Z Datasheet HTML 1Page - NXP Semiconductors BGS8458Z Datasheet HTML 2Page - NXP Semiconductors BGS8458Z Datasheet HTML 3Page - NXP Semiconductors BGS8458Z Datasheet HTML 4Page - NXP Semiconductors BGS8458Z Datasheet HTML 5Page - NXP Semiconductors BGS8458Z Datasheet HTML 6Page - NXP Semiconductors BGS8458Z Datasheet HTML 7Page - NXP Semiconductors BGS8458Z Datasheet HTML 8Page - NXP Semiconductors BGS8458Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
BGS8458
WLAN LNA + Switch
BGS8458
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 24 September 2019
5 / 13
12 Characteristics
Table 8. DC characteristics
VCC = 3.6 V; Tamb = 25 °C; VIH = 3.3 V; VIL = 0 V; ZS = ZL = 50 Ω; Pi = -30 dBm unless otherwise specified. All
measurements done on application board (DC-decoupling capacitor 100 pF placed near by the VCC pin) with SMA
connectors as reference plane
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
high-gain receive mode
[1] -
10.7 13.0
mA
bypass receive mode
[1] -
3.5
8
μA
ICC
supply current
transmit mode
[1] -
150
300
μA
Ictrl(C0)
control current on pin C0
-
10
15
μA
Ictrl(C1)
control current on pin C1
-
4
10
μA
[1]
See Table 11 for the appropriate control signal settings.
Table 9. Transient characteristics
VCC = 3.6 V; Tamb = 25 °C; VIH = 3.3 V; VIL = 0 V; ZS = ZL = 50 Ω; Pi = -30 dBm unless otherwise specified. All
measurements done on application board (DC-decoupling capacitor 100 pF placed near by the VCC pin) with SMA
connectors as reference plane
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ton
turn-on time
[1] -
-
500
ns
toff
turn-off time
[1] -
-
400
ns
[1]
From any of three operating modes to another and from within 10 % of the initial gain to within 10 % of the final gain.
Table 10. RF characteristics
VCC = 3.6 V; Tamb = 25 °C; VIH = 3.3 V; VIL = 0 V; ZS = ZL = 50 Ω; Pi = -30 dBm unless otherwise specified. All
measurements done on application board (DC-decoupling capacitor 100 pF placed near by the VCC pin) with SMA
connectors as reference plane.
Symbol
Parameter
Conditions
Min Typ
Max
Unit
RF performance at ANT-RX path in, high-gain receive mode [1]
Gtr
transducer power gain
11.5 13.5
16
dB
Gp(flat)
power gain flatness
peak-to-peak over any
80 MHz band
-
-
0.5
dB
NF
noise figure
-
2.4
-
dB
Pi(1dB)
input power at 1 dB gain compression
in-band
-
0
-
dBm
IP3i
input third-order intercept point
20 MHz tone spacing;
Pi = -20 dBm per tone
-
9
-
dBm
RLin
input return loss
-
16
-
dB
RLout
output return loss
-
14
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com