Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8024 Datasheet(PDF) 8 Page - AiT Semiconductor Inc.

Part # AP8024
Description  NON-ISOLATED PFM CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AP8024 Datasheet(HTML) 8 Page - AiT Semiconductor Inc.

Back Button AP8024 Datasheet HTML 3Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 4Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 5Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 6Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 7Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 8Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 9Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 10Page - AiT Semiconductor Inc. AP8024 Datasheet HTML 11Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP8024
AC-DC PFM CONTROLLER
NON-ISOLATED PFM CONVERTERS
REV2.0
- JAN 2015 RELEASED, MAR 2018 UPDATED -
- 8 -
current sampling and the maximum current limit (Ilimit), inductance is the only parameter of the frequency
modulation when output voltage and output current are fixed.
Soft-Start up
In order to regulate peak current in deep CCM mode, AP8024 build in soft-start function, at the first 10ms of
start up, the switching frequency decrease to 25% of the maximum frequency, while 10ms to 15ms of start up,
the switching frequency decrease to 50% of the maximum frequency. Meanwhile, the leading edge blanking
(LEB) is 300ns (Typ.), in order to regulate peak current.
Smart Protection Control
AP8024 has several smart self-protection functions, such as Over Temperature Protection(OTP),VDD
Under-Voltage Lockout(UVLO).And all these protections have self-recovery mode.
OTP----If the inner junction temperature exceeds 150℃,the IC will shut down switching, until the junction
temperature falls to 120℃.
UVLO----If VDD pin Voltage drops below VDDoff, the IC will restart. Otherwise, self-restart time can be changed
by VDD capacitor. The larger the capacitor, the longer the self-restart time is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com