Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # BAS40
Description  SCHOTTKY DIODES 120mA, 40V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

BAS40 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  BAS40 Datasheet HTML 1Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 2Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 3Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 4Page - AiT Semiconductor Inc. BAS40 Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
BAS40
SCHOTTKY DIODES
120mA, 40V
REV1.1
- JAN 2014 RELEASED, JUN 2021 UPDATED -
- 1 -
DESCRIPTION
FEATURES
120mA Planar Schottky barrier diodes with an
integrated guard ring for stress protection. Single
diodes and double diodes with different pinning are
available.
The BAS40 is available in SOT-23 package
⚫
Low Turn-on Voltage
⚫
Fast Switching
⚫
Low forward current
⚫
High breakdown voltage
⚫
Guard ring protected
⚫
Low diode capacitance.
⚫
Available in SOT-23 package
ORDERING INFORMATION
Package Type
Part Number
SOT-23
BAS40
BAS40-04
BAS40-05
BAS40-06
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products
APPLICATIONS
⚫
Ultra high-speed switching
⚫
Voltage clamping
⚫
Protection circuits.
⚫
Blocking diodes.
PIN DESCRIPTION
BAS40-05 double diode.
BAS40-06 double diode.
BAS40 single diode.
BAS40-04 double diode.


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
FMB-24 SANKEN-FMB-24 Datasheet
62Kb / 2P
Schottky Barrier Diodes 40V
FMB-G14 SANKEN-FMB-G14 Datasheet
23Kb / 1P
Schottky Barrier Diodes 40V
FME-24H SANKEN-FME-24H Datasheet
17Kb / 1P
Schottky Barrier Diodes (Center tap) 40V
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
Schottky Barrier Diodes (Surface Mount) 40V
logo
Shindengen Electric Mfg...
D15FR4ST SHINDENGEN-D15FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 15A
D20FR4ST SHINDENGEN-D20FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 20A
logo
AiT Semiconductor Inc.
SDM20U40 AITSEMI-SDM20U40 Datasheet
493Kb / 5P
SCHOTTKY DIODES 2PIN 40V
REV1.0
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
120mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com