Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLW5ATH151MQ2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # DLW5ATH151MQ2
Description  Low profile(h=2.35mm max.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DLW5ATH151MQ2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  DLW5ATH151MQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd DLW5ATH151MQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd DLW5ATH151MQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
DLW5ATH151MQ2#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of DLW5ATH151MQ2# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=DLW5ATH151MQ2%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/26/2022
< List of part numbers with package codes >
DLW5ATH151MQ2B
DLW5ATH151MQ2K
DLW5ATH151MQ2L
Appearance & Shape
Applications
Automotive Usage
Powertrain/Safety
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B
Bulk(Bag)
100
K
330mm Embossed Tape
2500
L
180mm Embossed Tape
700
Features
1. Low profile(h=2.35mm max.)
2. Small size(5.0x3.6mm)
.
3 Large Current Available(1.5Ato
)
4A
.
4 Operating Temperature
:
Range -
℃
40
to
℃
+125
.
5 Reflow and Flow soldering Available
1 of 3


Similar Part No. - DLW5ATH151MQ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5ATH111TQ2 MURATA1-DLW5ATH111TQ2 Datasheet
412Kb / 3P
Low profile (h=2.35mm) chip common mode choke coil.
Last updated07/26/2022
DLW5ATH111TQ2B MURATA1-DLW5ATH111TQ2B Datasheet
412Kb / 3P
Low profile (h=2.35mm) chip common mode choke coil.
Last updated07/26/2022
DLW5ATH111TQ2K MURATA1-DLW5ATH111TQ2K Datasheet
412Kb / 3P
Low profile (h=2.35mm) chip common mode choke coil.
Last updated07/26/2022
DLW5ATH111TQ2L MURATA1-DLW5ATH111TQ2L Datasheet
412Kb / 3P
Low profile (h=2.35mm) chip common mode choke coil.
Last updated07/26/2022
DLW5ATH112MQ2 MURATA1-DLW5ATH112MQ2 Datasheet
417Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
More results

Similar Description - DLW5ATH151MQ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5ATH112MQ2 MURATA1-DLW5ATH112MQ2 Datasheet
417Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATH331MQ2 MURATA1-DLW5ATH331MQ2 Datasheet
415Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATH500MQ2 MURATA1-DLW5ATH500MQ2 Datasheet
415Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATH501MQ2 MURATA1-DLW5ATH501MQ2 Datasheet
417Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN272SQ2 MURATA1-DLW5ATN272SQ2_V01 Datasheet
383Kb / 4P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN331MQ2 MURATA1-DLW5ATN331MQ2_V01 Datasheet
420Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN401SQ2 MURATA1-DLW5ATN401SQ2_V01 Datasheet
339Kb / 4P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN500MQ2 MURATA1-DLW5ATN500MQ2_V01 Datasheet
419Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ500MQ2 MURATA1-DLW5ATZ500MQ2_V01 Datasheet
365Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ501MQ2 MURATA1-DLW5ATZ501MQ2_V01 Datasheet
367Kb / 3P
Low profile(h=2.35mm max.)
Last updated07/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com