Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBA Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # FBA
Description  MULTILAYER CHIP BEAD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

FBA Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  FBA Datasheet HTML 1Page - AiT Semiconductor Inc. FBA Datasheet HTML 2Page - AiT Semiconductor Inc. FBA Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MULTILAYER CHIP BEAD
FBA
●ELECTRICAL CHARACTERISTICS
PART NUMBER
Impedance(
Ω) ±25% at 100MHz DC Resistance(Ω)Max Rated Current (mA)Max
FBA100505U100
10
0.05
500
FBA100505U200
20
0.20
300
FBA100505U300
30
0.20
300
FBA100505U600
60
0.40
200
FBA100505U121
120
0.50
200
FBA100505U301
300
0.75
100
FBA100505U601
600
1.10
50
FBA100505U102
1000
1.50
50
FBA160808U190
19
0.10
400
FBA160808U310
31
0.10
400
FBA160808U400
40
0.15
400
FBA160808U520
52
0.15
400
FBA160808U600
60
0.15
400
FBA160808U800
80
0.15
500
FBA160808U101
100
0.15
400
FBA160808U121
120
0.15
400
FBA160808U151
150
0.15
400
FBA160808U181
180
0.20
400
FBA160808U201
200
0.20
400
FBA160808U221
220
0.20
400
FBA160808U301
300
0.30
400
FBA160808U401
400
0.30
400
FBA160808U451
450
0.30
400
FBA160808U601
600
0.35
400
FBA160808U601-0.5A
600
0.35
500
FBA160808U751
750
0.35
400
FBA160808U102
1000
0.55
300
FBA160808U152
1500
1.00
200
FBA201209U070
7
0.10
300
FBA201209U110
11
0.10
300
FBA201209U170
17
0.10
300
FBA201209U260
26
0.10
300
FBA201209U310
31
0.10
300
FBA201209U520
52
0.15
300
FBA201209U600
60
0.15
300
FBA201209U800
80
0.15
300



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com