Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049C Datasheet(PDF) 122 Page - Texas Instruments

Part # SWCS049C
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049C Datasheet(HTML) 122 Page - Texas Instruments

Back Button SWCS049C Datasheet HTML 118Page - Texas Instruments SWCS049C Datasheet HTML 119Page - Texas Instruments SWCS049C Datasheet HTML 120Page - Texas Instruments SWCS049C Datasheet HTML 121Page - Texas Instruments SWCS049C Datasheet HTML 122Page - Texas Instruments SWCS049C Datasheet HTML 123Page - Texas Instruments SWCS049C Datasheet HTML 124Page - Texas Instruments SWCS049C Datasheet HTML 125Page - Texas Instruments SWCS049C Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 144 page
background image
122
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Applications, Implementation, and Layout
Copyright © 2010–2018, Texas Instruments Incorporated
7.2.1
Design Requirements
For a typical application shown in Figure 7-1, Table 7-1 lists the primary design parameters of the power
resources.
(1)
Value is dependent on external FETs.
Table 7-1. Design Parameters
DESIGN PARAMETER
VALUE
Supply voltage
2.7 V to 5.5 V
VDD1 voltage
1 V
VDD1 current
Up to 1.5 A
VDD2 voltage
1.35 V
VDD2 current
Up to 1.5 A
VDDCtrl voltage
1 V
VDDCtrl current
See (1)
VIO voltage
3.3 V
VIO current
Up to 1.1 A
LDO1 voltage
1.8 V
LDO1 current
Up to 320 mA
LDO2 voltage
1.8 V
LDO2 current
Up to 320 mA
LDO3 voltage
1.8 V
LDO3 current
Up to 200 mA
LDO4 voltage
1.8 V
LDO4 current
Up to 50 mA
LDO5 voltage
3.3 V
LDO5 current
Up to 300 mA
LDO6 voltage
3.3 V
LDO6 current
Up to 300 mA
LDO7 voltage
3.3 V
LDO7 current
Up to 300 mA
LDO8 voltage
3.3 V
LDO8 current
Up to 300 mA
7.2.2
Detailed Design Procedure
7.2.2.1
External Component Recommendation
For crystal oscillator components, see Section 5.10. If RTC domain is expected to be maintained after
shutdown, VCC7 must have enough capacitance to make sure that when supply is switched off, voltage
does not fall at a rate faster than 10 mV/ms. This makes sure that RTC domain data is maintained.
Table 7-2. External Component Recommendation
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
POWER REFERENCES
VREF filtering capacitor (CO(VREF))
Connected from VREF to REFGND
100
nF
VDD1 SMPS
Input capacitor (CI(VCC1))
X5R or X7R dielectric
10
µF
Output filter capacitor (CO(VDD1))
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
ƒ = 3 MHz
10
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com