Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049C Datasheet(PDF) 14 Page - Texas Instruments

Part # SWCS049C
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049C Datasheet(HTML) 14 Page - Texas Instruments

Back Button SWCS049C Datasheet HTML 10Page - Texas Instruments SWCS049C Datasheet HTML 11Page - Texas Instruments SWCS049C Datasheet HTML 12Page - Texas Instruments SWCS049C Datasheet HTML 13Page - Texas Instruments SWCS049C Datasheet HTML 14Page - Texas Instruments SWCS049C Datasheet HTML 15Page - Texas Instruments SWCS049C Datasheet HTML 16Page - Texas Instruments SWCS049C Datasheet HTML 17Page - Texas Instruments SWCS049C Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
14
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Specifications
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
The internal pullups on the CTL-I2C and SR-I2C pins are used for test purposes or when the SR-I2C interface is not used. Discrete
pullups to the VIO supply must be mounted on the board in order to use the I2C interfaces. The internal I2C pullups must not be used for
functional applications.
5.5
Electrical Characteristics: I/O Pullup and Pulldown
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDA_SDI, SCL_SCK, SDASR_EN2,
SCLSR_EN1 external pullup resistor
Connected to VDDIO
1.2
SDA_SDI, SCL_SCK, SDASR_EN2,
SCLSR_EN1 programmable pullup (DFT,
default inactive)
Grounded, VDDIO = 1.8 V
–45%
8
45%
SLEEP, PWRHOLD, programmable
pulldown (default active)
At 1.8 V, VRTC = 1.8 V
2
4.5
10
µA
NRESPWRON, NRESPWRON2 pulldown
At 1.8 V, VCC7 = 5.5 V, OFF state
2
4.5
10
µA
32KCLKOUT pulldown (disabled in
ACTIVE-SLEEP state)
At 1.8 V, VRTC = 1.8 V, OFF state
2
4.5
10
µA
PWRON programmable pullup (default
active)
Grounded, VCC7 = 5.5 V
–40
–31
–15
µA
GPIO0-8 programmable pulldown (default
active except GPIO0)
At 1.8 V, VRTC = 1.8 V, OFF state
2
4.5
10
µA
GPIO0-8 external pullup resistor
Connected to VDDIO
–20%
120
20%
HDRST programmable pulldown (default
active)
At 1.8 V, VRTC = 1.8 V
2
4.5
10
µA
5.6
Electrical Characteristics: Digital I/O Voltage
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RELATED I/Os: PWRON
Low-level input voltage (VIL)
0.3 × VBAT
V
High-level input voltage (VIH)
0.7 × VBAT
V
RELATED I/Os: PWRHOLD, GPIO0-8, PWRDN
Low-level input voltage (VIL)
0.45
V
High-level input voltage (VIH)
1.3
VBAT
V
RELATED I/Os: BOOT1
Low level input – Impedance between
BOOT1 and GND
10
High level input – Impedance between
BOOT1 and VRTC
10
HiZ level input – Impedance between
BOOT1 and GND
500
RELATED I/Os: SLEEP
Low-level input voltage (VIL)
0.35 ×
VDDIO
V
High-level input voltage (VIH)
0.65 ×
VDDIO
V
RELATED I/Os: HDRST
Low-level input voltage (VIL)
0.35 ×
VRTC
V
High-level input voltage (VIH)
0.65 ×
VRTC
V
RELATED I/Os: NRESPWRON, INT1, 32KCLKOUT
Low-level output voltage (VOL)
IOL = 100 µA
0.2
V
IOL = 2 mA
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com