Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049C Datasheet(PDF) 127 Page - Texas Instruments

Part # SWCS049C
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049C Datasheet(HTML) 127 Page - Texas Instruments

Back Button SWCS049C Datasheet HTML 123Page - Texas Instruments SWCS049C Datasheet HTML 124Page - Texas Instruments SWCS049C Datasheet HTML 125Page - Texas Instruments SWCS049C Datasheet HTML 126Page - Texas Instruments SWCS049C Datasheet HTML 127Page - Texas Instruments SWCS049C Datasheet HTML 128Page - Texas Instruments SWCS049C Datasheet HTML 129Page - Texas Instruments SWCS049C Datasheet HTML 130Page - Texas Instruments SWCS049C Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
OUT
IN
OUT
L max
IN
SW
V
V
V
I
2
V
f
L
u
u
u
u
127
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Applications, Implementation, and Layout
Copyright © 2010–2018, Texas Instruments Incorporated
VIN is the typical input voltage.
fSW is the typical switching frequency.
IOUTmax is the maximum load current.
KIND is the ratio of ILripple to the IOUTmax. For this application, TI recommends that KIND is set to a value
from 0.2 to 0.4.
(5)
After selecting the value of the inductor, use Equation 6 to calculate the peak current for the inductor in
steady state operation, ILmax. The rated current of the inductor must be greater than the ILmax current.
(6)
7.2.2.3.2 Selecting Output Capacitors
TI recommends ceramic capacitors with low ESR values because they provide the lowest output voltage
ripple. The output capacitor requires either an X7R or X5R rating. Y5V and Z5U capacitors, aside from the
wide variation in capacitance over temperature, become resistive at high frequencies. At light load
currents, the converter operates in PFM mode and the output voltage ripple is dependent on the output-
capacitor value and the PFM peak inductor current. Higher output-capacitor values minimize the voltage
ripple in PFM mode. To achieve specified regulation performance and low output voltage ripple, the DC-
bias characteristic of ceramic capacitors must be considered. The effective capacitance of ceramic
capacitors drops with increasing DC-bias voltage. For the output capacitors of the BUCK converters, TI
recommends placing small ceramic capacitors between the inductor and load with many vias to the PGND
plane. This solution typically provides the smallest and lowest-cost solution available for the converters.
The output capacitance must equal to or greater than the minimum capacitance listed for VDD1, VDD2,
and VIO (assuming quality layout techniques are followed). The recommended value is 10 µF.
7.2.2.3.3 Selecting Input Capacitors
Because of the nature of the switching converter with a pulsating input current, a low ESR input capacitor
is required for the best input-voltage filtering and to minimize the interference with other circuits caused by
high input-voltage spikes. For the VCC1, VCC2, and VCCIO pins, 10 μF of input capacitance (after
derating) is required for most applications. A ceramic capacitor is recommended to achieve the low ESR
requirement. However, the voltage rating and DC-bias characteristic of ceramic capacitors must be
considered. The input capacitor can be increased without any limit for better input-voltage filtering.
NOTE
Use the correct value for the ceramic capacitor capacitance after derating to achieve the
recommended input capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com