Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KVCM Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KVCM
Description  SMD CMOS VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KVCM Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KVCM Datasheet HTML 1Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KVCM
SMD CMOS VCXO
KVCM
Features
Voltage Controlled Crystal Oscillator (VCXO).
Meet Pb free high temperature SMT reflow soldering profile.
3-state function.
Automatic mounting and reflow soldering.
Applications: Fiber channel, Gigabit ethernet, Serial ATA, Serial
attached SCSI, PCI-Express, SDH, SONET, etc.
Excellent low phase noise and jitter.
Electrical Specifications
Type
SMD VCXO
Output Type
Output Load
Oscillation Mode
Supply Voltage
Frequency Range
Operating Temperature Range
Storage Temperature Range
Rise(Tr) / Fall(Tf) Time(20%~80%)
Symmetry
Start-up Time
Absolute Pulling Range(APR)*
Nominal Control Voltage
Control Voltage Range
Linearity
Phase Jitter(12kHz~20MHz)
CMOS
15pF or specify
Fundamental
3.3V
50MHz~700MHz
-20~+70°C, -40~+85°C, or specify
-55~+125°C
5ns Max.
45~55%
10ms Max.
±50ppm, ±10ppm Min. or specify
0.5VDD
0~VDD
10ms Max.
1ps Max.
* Inclusive of frequency tolerance at 25°C, variation over temperature, supply voltage variation, aging and vibration.
Ordering Information
KVCM
050M
15
A
50
Product Code
Frequency Range
50MHz
Output Load
15=15pF
Operating Temperature
APR
50=±50ppm
A:-20~+70℃
B:-10~+70℃
C:-40~+85℃
D:-40~+125℃
E:-10~+60℃
F:-30~+70℃
Dimension
Units:mm


Similar Part No. - KVCM

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KVC3225 AITSEMI-KVC3225 Datasheet
253Kb / 1P
SMD COMS VCXO
KVC5032 AITSEMI-KVC5032 Datasheet
249Kb / 1P
SMD CMOS VCXO
KVC7050 AITSEMI-KVC7050 Datasheet
251Kb / 1P
SMD CMOS VCXO
logo
KODENSHI_AUK CORP.
KVCB1-8512 KODENSHI-KVCB1-8512 Datasheet
312Kb / 2P
VCSEL, or Vertical Cavity Surface Emitting
KVCF1-8512 KODENSHI-KVCF1-8512 Datasheet
304Kb / 2P
VCSEL, or Vertical Cavity Surface Emitting
More results

Similar Description - KVCM

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
VCXO Series (CMOS)
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931 Datasheet
122Kb / 2P
9X14 mm SMD, 3.3V, CMOS High Performance CMOS VCXO
logo
ECS, Inc.
ECS-2532VXO ECS-ECS-2532VXO Datasheet
254Kb / 2P
SMD VCXO
logo
QUARTZCOM the communica...
VXO-6S-4P QUARTZCOM-VXO-6S-4P Datasheet
119Kb / 1P
Miniature packaged SMD VCXO CMOS
logo
MTRONPTI
XO7013 MTRONPTI-XO7013 Datasheet
274Kb / 4P
Specification for a CMOS 9x14mm SMD VCXO Series
logo
AiT Semiconductor Inc.
KVC5032 AITSEMI-KVC5032 Datasheet
249Kb / 1P
SMD CMOS VCXO
KVC7050 AITSEMI-KVC7050 Datasheet
251Kb / 1P
SMD CMOS VCXO
logo
Transko Electronics, In...
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com