Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7716 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7716
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7716 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMP7716 Datasheet HTML 10Page - National Semiconductor (TI) LMP7716 Datasheet HTML 11Page - National Semiconductor (TI) LMP7716 Datasheet HTML 12Page - National Semiconductor (TI) LMP7716 Datasheet HTML 13Page - National Semiconductor (TI) LMP7716 Datasheet HTML 14Page - National Semiconductor (TI) LMP7716 Datasheet HTML 15Page - National Semiconductor (TI) LMP7716 Datasheet HTML 16Page - National Semiconductor (TI) LMP7716 Datasheet HTML 17Page - National Semiconductor (TI) LMP7716 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Information (Continued)
For the time being, ignore C
F. The AC gain of the circuit in
Figure 3 can be calculated as follows:
(1)
This equation is rearranged to find the location of the two
poles:
(2)
As shown in Equation (2), as the values of R
1 and R2 are
increased, the magnitude of the poles are reduced, which in
turn decreases the bandwidth of the amplifier. Figure 4
shows the frequency response with different value resistors
for R
1 and R2. Whenever possible, it is best to chose smaller
feedback resistors.
As mentioned before, adding a capacitor to the feedback
path will decrease the peaking. This is because C
F will form
yet another pole in the system and will prevent pairs of poles,
or complex conjugates from forming. It is the presence of
pairs of poles that cause the peaking of gain. Figure 5 shows
the frequency response of the schematic presented in Figure
3 with different values of C
F. As can be seen, using a small
value capacitor significantly reduces or eliminates the peak-
ing.
TRANSIMPEDANCE AMPLIFIER
In many applications the signal of interest is a very small
amount of current that needs to be detected. Current that is
transmitted through a photodiode is a good example. Bar-
code scanners, light meters, fiber optic receivers, and indus-
trial sensors are some typical applications utilizing photo-
diodes for current detection. This current needs to be
amplified before it can be further processed. This amplifica-
tion is performed using a current-to-voltage converter con-
figuration or transimpedance amplifier. The signal of interest
is fed to the inverting input of an op amp with a feedback
resistor in the current path. The voltage at the output of this
amplifier will be equal to the negative of the input current
times the value of the feedback resistor. Figure 6 shows a
transimpedance amplifier configuration. C
D represents the
photodiode parasitic capacitance and C
CM
denotes the
common-mode capacitance of the amplifier. The presence of
all of these capacitances at higher frequencies might lead to
less stable topologies at higher frequencies. Care must be
taken when designing a transimpedance amplifier to prevent
the circuit from oscillating.
With a wide gain bandwidth product, low input bias current
and low input voltage and current noise, the LMP7715/
LMP7716 are ideal for wideband transimpedance applica-
tions.
20183659
FIGURE 4. Closed Loop Frequency Response
20183660
FIGURE 5. Closed Loop Frequency Response
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com