Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV654 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV654
Description  Quad, 12 MHz, Low Voltage, Low Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV654 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV654 Datasheet HTML 1Page - National Semiconductor (TI) LMV654 Datasheet HTML 2Page - National Semiconductor (TI) LMV654 Datasheet HTML 3Page - National Semiconductor (TI) LMV654 Datasheet HTML 4Page - National Semiconductor (TI) LMV654 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LMV654
Quad, 12 MHz, Low Voltage, Low Power Amplifier
General Description
National’s LMV654 is a high performance, low power quad
operational amplifier IC implemented with National’s ad-
vanced VIP50 process. The LMV654 features 12 MHz of
bandwidth while consuming only 119 µA of current per am-
plifier, which is an exceptional bandwidth to power ratio in
this op amp class. The LMV654 is unity gain stable and
provides an excellent solution for general purpose amplifica-
tion in low voltage, low power applications.
The LMV654 provides superior performance and economy in
terms of power and space usage. The LMV654 has a maxi-
mum input offset voltage of 1.8 mV, a rail-to-rail output stage
and an input common-mode voltage range that includes
ground. The LMV654 provides a PSRR of 95 dB, a CMRR of
100 dB and a total harmonic distortion (THD) of 0.003% at
1 kHz frequency and 600
Ω load
The LMV654 has an operating supply voltage range from
2.7V to 5.5V. The LMV654 can operate over a wide tempera-
ture range (−40˚C to +125˚C) making the op amp ideal for
automotive applications, sensor applications and portable
equipment applications. The LMV654 is offered in the 14-pin
TSSOP package
Features
(Typical 5V supply, unless otherwise noted)
n
Guaranteed 3.0V and 5.0V performance
n
High unity gain bandwidth
12 MHz
n
Low power supply current
119 µA per amplifier
n
Max input offset voltage
1.8 mV
n
CMRR
100 dB
n
PSRR
95 dB
n
Input referred voltage noise
17nV/
n
Output swing with 2 k
Ω load
120 mV from rail
n
Total harmonic distortion
0.003% @ 1 kHz, 600
Ω
n
Temperature range
−40˚C to 125˚C
Applications
n
Portable equipment
n
Automotive
n
Battery powered systems
n
Sensors and Instrumentation
20187306
Open Loop Gain and phase vs. Frequency
20187305
THD+N vs. Frequency
PRELIMINARY
March 2006
© 2006 National Semiconductor Corporation
DS201873
www.national.com


Similar Part No. - LMV654

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
LMV654 NSC-LMV654 Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV654 TI2-LMV654 Datasheet
1Mb / 39P
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
REVISED MAY 2016
logo
National Semiconductor ...
LMV654MT NSC-LMV654MT Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
LMV654MT NSC-LMV654MT Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
More results

Similar Description - LMV654

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651_08 Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
logo
Texas Instruments
LMV651 TI-LMV651_15 Datasheet
1Mb / 28P
LMV651/LMV652/LMV654 12 MHz, Low Voltage, Low Power Amplifiers
LMV651 TI1-LMV651 Datasheet
1Mb / 33P
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
Low-Power, Quad-Operational Amplifier
JUNE 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com