Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7715MF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP7715MF
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7715MF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP7715MF Datasheet HTML 1Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 2Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 3Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 4Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 5Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 6Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 7Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 8Page - National Semiconductor (TI) LMP7715MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMP7715/LMP7716
Single and Dual Precision, 17 MHz, Low Noise, CMOS
Input Amplifiers
General Description
The LMP7715/LMP7716 are single and dual low noise, low
offset, CMOS input, rail-to-rail output precision amplifiers
with high gain bandwidth products. The LMP7715/LMP7716
are part of the LMP™ precision amplifier family and are ideal
for a variety of instrumentation applications.
Utilizing a CMOS input stage, the LMP7715/LMP7716
achieve an input bias current of 100 fA, an input referred
voltage noise of 5.8 nV/
, and an input offset voltage of
less than ±150 µV. These features make the LMP7715/
LMP7716 superior choices for precision applications.
Consuming only 1.15 mA of supply current, the LMP7715
offers a high gain bandwidth product of 17 MHz, enabling
accurate amplification at high closed loop gains.
The LMP7715/LMP7716 have a supply voltage range of
1.8V to 5.5V, which makes these ideal choices for portable
low power applications with low supply voltage require-
ments.
The LMP7715/LMP7716 are built with National’s advanced
VIP50 process technology. The LMP7715 is offered in a
5-pin SOT23 package and the LMP7716 is offered in an
8-pin MSOP.
Features
Unless otherwise noted, typical values at V
S =5V.
n
Input offset voltage
±150 µV (max)
n
Input bias current
100 fA
n
Input voltage noise
5.8 nV/
n
Gain bandwidth product
17 MHz
n
Supply current (LMP7715)
1.15 mA
n
Supply current (LMP7716)
1.30 mA
n
Supply voltage range
1.8V to 5.5V
n
THD+N @ f = 1 kHz
0.001%
n
Operating temperature range
−40oC to 125˚C
n
Rail-to-rail output swing
n
Space saving SOT23 package (LMP7715)
n
MSOP-8 package (LMP7716)
Applications
n
Active filters and buffers
n
Sensor interface applications
n
Transimpedance amplifiers
Typical Performance
Offset Voltage Distribution
Input Referred Voltage Noise
20183622
20183639
LMP™ is a trademark of National Semiconductor Corporation.
May 2006
© 2006 National Semiconductor Corporation
DS201836
www.national.com


Similar Part No. - LMP7715MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7715MF/NOPB TI-LMP7715MF/NOPB Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715MFE/NOPB TI-LMP7715MFE/NOPB Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715MFX/NOPB TI-LMP7715MFX/NOPB Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results

Similar Description - LMP7715MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com