Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23LC512 Datasheet(PDF) 12 Page - Microchip Technology

Part # 23LC512
Description  512-Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC512 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 23LC512 Datasheet HTML 8Page - Microchip Technology 23LC512 Datasheet HTML 9Page - Microchip Technology 23LC512 Datasheet HTML 10Page - Microchip Technology 23LC512 Datasheet HTML 11Page - Microchip Technology 23LC512 Datasheet HTML 12Page - Microchip Technology 23LC512 Datasheet HTML 13Page - Microchip Technology 23LC512 Datasheet HTML 14Page - Microchip Technology 23LC512 Datasheet HTML 15Page - Microchip Technology 23LC512 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
23A512/23LC512
DS20005155C-page 12
 2012-2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
When the device is deselected, SO goes to the high-
impedance state, allowing multiple parts to share the
same SPI bus. After power-up, a low level on CS is
required, prior to any sequence being initiated.
3.2
Serial Output (SO)
The SO pin is used to transfer data out of the 23A512/
23LC512. During a read cycle, data is shifted out on
this pin after the falling edge of the serial clock.
3.3
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses, and data. Data is
latched on the rising edge of the serial clock.
3.4
Serial Dual Interface Pins(SIO0,
SIO1)
The SIO0 and SIO1 pins are used for SDI mode of
operation. Functionality of these I/O pins is shared with
SO and SI.
3.5
Serial Quad Interface Pins (SIO0 –
SIO3)
The SIO0 through SIO3 pins are used for SQI mode of
operation. Because of the shared functionality of these
pins the HOLD feature is not available when using SQI
mode.
3.6
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a host and the 23A512/23LC512. Instructions,
addresses or data present on the SI pin are latched on
the rising edge of the clock input, while data on the SO
pin is updated after the falling edge of the clock input.
3.7
Hold Function (HOLD)
The HOLD pin is used to suspend transmission to the
23A512/23LC512 while in the middle of a serial
sequence without having to re-transmit the entire
sequence over again. It must be held high any time
this function is not being used. Once the device is
selected and a serial sequence is underway, the
HOLD pin may be pulled low to pause further serial
communication without resetting the serial sequence.
The HOLD pin should be brought low while SCK is
low, otherwise the HOLD function will not be invoked
until the next SCK high-to-low transition. The 23A512/
23LC512 must remain selected during this sequence.
The SI and SCK levels are “don’t cares” during the
time the device is paused and any transitions on these
pins will be ignored. To resume serial communication,
HOLD should be brought high while the SCK pin is
low, otherwise serial communication will not be
resumed until the next SCK high-to-low transition.
The SO line will tri-state immediately upon a high-to
low transition of the HOLD pin, and will begin
outputting again immediately upon a subsequent low-
to-high transition of the HOLD pin, independent of the
state of SCK.
Hold functionality is not available when operating in
SQI mode.
Name
SOIC/
PDIP
TSSOP
Function
CS
1
Chip Select Input
SO/SIO1
2
Serial Data Output/SDI/SQI
Pin
SIO2
3
SQI Pin
VSS
4Ground
SI/SIO0
5
Serial Data Input/SDI/SQI Pin
SCK
6
Serial Clock Input
HOLD/SIO3
7
Hold/SQI Pin
VCC
8
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com