Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2701 Datasheet(PDF) 10 Page - Microchip Technology

Part # HV2701
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2701 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV2701 Datasheet HTML 6Page - Microchip Technology HV2701 Datasheet HTML 7Page - Microchip Technology HV2701 Datasheet HTML 8Page - Microchip Technology HV2701 Datasheet HTML 9Page - Microchip Technology HV2701 Datasheet HTML 10Page - Microchip Technology HV2701 Datasheet HTML 11Page - Microchip Technology HV2701 Datasheet HTML 12Page - Microchip Technology HV2701 Datasheet HTML 13Page - Microchip Technology HV2701 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
HV2601/HV2701
DS20005391E-page 10
 2015-2022 Microchip Technology Inc. and its subsidiaries
Note 1: The 16 switches operate independently.
2: Serial data is clocked in on the L to H transition of the CLK.
3: All 16 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low, the
shift registers data flow through the latch.
4: DOUT is high when data in the shift register 15 are high.
5: Shift registers clocking has no effect on the switch states if LE is high.
6: The CLR clear input overrides all other inputs.
FIGURE 3-2:
Logic Timing Waveforms.
TABLE 3-1:
LOGIC FUNCTION TABLE
D0
D1
...
D7
D8
...
D15
LE
CLR
SW0
SW1
...
SW7
SW8
...
SW15
L—
...
——
...
—L
L
OFF
—
...
——
...
—
H
—
——
—
L
L
ON
—
——
—
—L
—
—
—L
L—
OFF
—
—
—
—
H
——
—
L
L
—
ON
——
—
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
——
L
—
—
L
L
—
—
OFF
—
—
——
H
—
—
L
L
—
—
ON
—
—
—
—
—L
—L
L—
—
—
OFF
—
——
—
H
—
L
L
—
—
—
ON
—
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
—
—
—
—
—
L
L
—
——
——
——
—
—
L
L
L
—
—
—
—
OFF
——
—
—
H
L
L
—
—
—
—
ON
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
H
ALL SWITCHES OFF
DATA IN
DIN
LE
CLOCK
CLK
DATA OUT
DOUT
OFF
V
OUT
(typ)
ON
CLR
50%
50%
50%
50%
t
WLE
t
SD
t
SU
t
h
50%
50%
t
OFF
50%
t
DO
DO
t
ON
t
WCL
D
N+1
D
N
D
N-1
50%
50%
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com