Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23LC512-E/P Datasheet(PDF) 30 Page - Microchip Technology

Part # 23LC512-E/P
Description  512-Kbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC512-E/P Datasheet(HTML) 30 Page - Microchip Technology

Back Button 23LC512-E/P Datasheet HTML 24Page - Microchip Technology 23LC512-E/P Datasheet HTML 25Page - Microchip Technology 23LC512-E/P Datasheet HTML 26Page - Microchip Technology 23LC512-E/P Datasheet HTML 27Page - Microchip Technology 23LC512-E/P Datasheet HTML 28Page - Microchip Technology 23LC512-E/P Datasheet HTML 29Page - Microchip Technology 23LC512-E/P Datasheet HTML 30Page - Microchip Technology 23LC512-E/P Datasheet HTML 31Page - Microchip Technology 23LC512-E/P Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
23A512/23LC512
DS20005155C-page 30
 2012-2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not all possible ordering options
are shown below.
.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This iden-
tifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for pack-
age availability with the Tape and Reel
option.
PART NO.
X
/XX
Package
Tape and Reel
Device
Device:
23A512 =
23LC512 =
512 Kbit, 1.7V - 2.2V, SPI Serial SRAM
512 Kbit, 2.5V - 5.5V, SPI Serial SRAM
Tape and
Reel:
Blank =
T=
Standard packaging (tube)
Tape & Reel(1)
Temperature
Range:
I=
E=
-40
C to +85C
-40
C to +125C
Package:
SN
=
ST
=
P=
Plastic SOIC (3.90 mm body), 8-lead
Plastic TSSOP (4.4 mm body), 8-lead
Plastic PDIP (300 mil body), 8-lead
Examples:
a)
23A512-I/ST = 512-Kbit, 1.7V-2.2V Serial
SRAM, Industrial temp., TSSOP package
b)
23LC512T-I/SN = 512-Kbit, 2.5V-5.5V Serial
SRAM, Industrial temp., Tape & Reel, SOIC
package
c)
23LC512-I/P = 512-Kbit, 2.5V-5.5V Serial
SRAM, Industrial temp., PDIP package
d)
23A512-E/ST = 512-Kbit, 1.7V-2.2V Serial
SRAM, Extended temp., TSSOP package
e)
23LC512T-E/SN = 512-Kbit, 2.5V-5.5V Serial
SRAM, Extended temp., Tape & Reel, SOIC
package
f)
23LC512-E/P = 512-Kbit, 2.5-5.5V Serial
SRAM, Extended temp., PDIP package
–
X
Temp Range
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com