Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922T-EST Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP4922T-EST
Description  12-Bit DAC with SPI??Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922T-EST Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP4922T-EST Datasheet HTML 12Page - Microchip Technology MCP4922T-EST Datasheet HTML 13Page - Microchip Technology MCP4922T-EST Datasheet HTML 14Page - Microchip Technology MCP4922T-EST Datasheet HTML 15Page - Microchip Technology MCP4922T-EST Datasheet HTML 16Page - Microchip Technology MCP4922T-EST Datasheet HTML 17Page - Microchip Technology MCP4922T-EST Datasheet HTML 18Page - Microchip Technology MCP4922T-EST Datasheet HTML 19Page - Microchip Technology MCP4922T-EST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MCP4921/4922
DS21897A-page 16
 2004 Microchip Technology Inc.
4.0
GENERAL OVERVIEW
The MCP492X devices are voltage output string DACs.
These devices include input amplifiers, rail-to-rail out-
put amplifiers, reference buffers, shutdown and reset-
management circuitry. Serial communication conforms
to the SPI protocol. The MCP492X operates from 2.7V
to 5.5V supplies.
The coding of these devices is straight binary and the
ideal output voltage is given by Equation 4-1, where G
is the selected gain (1x or 2x), DN represents the digital
input value and n represents the number of bits of
resolution (n = 12).
EQUATION 4-1:
LSB SIZE
1 LSB is the ideal voltage difference between two
successive codes. Table 4-1 illustrates how to calculate
LSB.
4.0.1
INL ACCURACY
INL error for these devices is the maximum deviation
between an actual code transition point and its corre-
sponding ideal transition point once offset and gain
errors have been removed. These endpoints are from
0x000 to 0xFFF. Refer to Figure 4-1.
Positive INL means transition(s) later than ideal.
Negative INL means transition(s) earlier than ideal.
FIGURE 4-1:
INL Accuracy.
4.0.2
DNL ACCURACY
DNL error is the measure of variations in code widths
from the ideal code width. A DNL error of zero would
imply that every code is exactly 1 LSB wide.
FIGURE 4-2:
DNL Accuracy.
4.0.3
OFFSET ERROR
Offset error is the deviation from zero voltage output
when the digital input code is zero.
4.0.4
GAIN ERROR
Gain error is the deviation from the ideal output,
VREF– 1 LSB, excluding the effects of offset error.
TABLE 4-1:
LSB SIZES
Device
VREF, GAIN
LSB SIZE
MCP492X
External VREF, 1x
VREF/4096
MCP492X
External VREF, 2x
2 VREF/4096
V
OUT
V
REFGDN
2
n
-------------------------
=
111
110
101
100
011
010
001
000
Digital
Input
Code
Actual
transfer
function
INL < 0
Ideal transfer
function
INL < 0
DAC Output
111
110
101
100
011
010
001
000
Digital
Input
Code
Actual
transfer
function
Ideal transfer
function
Narrow code < 1 LSB
DAC Output
Wide code, > 1 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com