Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70LP-7B Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # BAS70LP-7B
Description  MagI3C Power Modules DNS002 MagI3C Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

BAS70LP-7B Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  BAS70LP-7B Datasheet HTML 1Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 2Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 3Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 4Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 5Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 6Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Reference Design Note
MagI3C Power Modules
DNS002 MagI3C Power Supply
DNS002 V2.0
Roland Kratz - December 2018
Page 4/8
Copyright © Würth Elektronik eiSos GmbH & Co. KG
4.5 Auxiliary Power
The linear regulator IC2 is used to supply the error amplifiers and the LEDs with 5V. In addition the potentiometers R29 and
R30 adjusts their set values from the 5V supply. The level shifters of the external error amplifiers which compensate the
input offset voltage are supplied as well from the 5V.
4.6 Optional Setting of Voltage and Current Using a Microcontroller
The output voltage and the output current limit can be dynamically set by PWM signals from a microcontroller. The
potentiometers must be disconnected and the PWM signals from the microcontroller must be connected to the appropriate
net where the wiper of the potentiometer was connected. The resistors R25 and R24 and the resistors R20 and R22
respectively scale down the PWM high state voltage to fit the end scale voltages of the actual values of the maximum output
voltage (1.37V) and the maximum output current (125mV).
4.7 Design Limitations
The maximum operating input voltage of 36V has been chosen to allow the use of 50V ceramic input capacitors and a linear
regulator in a very small package.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com