Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ100D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMBJ100D
Description  Surface-Mount TRANSZORB® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ100D Datasheet(HTML) 2 Page - Vishay Siliconix

  SMBJ100D Datasheet HTML 1Page - Vishay Siliconix SMBJ100D Datasheet HTML 2Page - Vishay Siliconix SMBJ100D Datasheet HTML 3Page - Vishay Siliconix SMBJ100D Datasheet HTML 4Page - Vishay Siliconix SMBJ100D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0D thru SMBJ188D, SMBJ5.0CD thru SMBJ120CD
www.vishay.com
Vishay General Semiconductor
Revision: 20-Jul-2020
2
Document Number: 87606
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• All terms and symbols are consistent with ANSI/IEEE C62.35
(1) Pulse test: tp
≤ 50 ms
(2) For bi-directional types having VWM of 12 V and less, the ID limit is doubled
(3) Surge current waveform per fig. 3 and derate per fig. 2
(+) Underwriters Laboratory Recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional device
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (2)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (3)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMBJ5.0D
6AA
6AA
6.50
6.97
10
5.0
500
65.9
9.1
(+)SMBJ6.0D
6AB
6AB
6.77
7.27
10
6.0
500
58.9
10.2
(+)SMBJ6.5D
6AC
6AC
7.33
7.87
10
6.5
300
54.5
11.0
(+)SMBJ7.0D
6AD
6AD
7.90
8.48
10
7.0
150
50.8
11.8
(+)SMBJ7.5D
6AE
6AE
8.46
9.08
1.0
7.5
75
47.2
12.7
(+)SMBJ8.0D
6AF
6AF
9.03
9.69
1.0
8.0
35
44.8
13.4
(+)SMBJ8.5D
6AG
6AG
9.57
10.3
1.0
8.5
15
42.2
14.3
(+)SMBJ9.0D
6AH
6AH
10.2
10.9
1.0
9.0
5.0
39.7
15.1
(+)SMBJ10D
6AK
6AK
11.3
12.1
1.0
10
2.0
35.9
16.7
(+)SMBJ11D
6AL
6AL
12.4
13.3
1.0
11
2.0
33.5
17.9
(+)SMBJ12D
6AM
6AM
13.5
14.5
1.0
12
2.0
30.6
19.6
(+)SMBJ13D
6AN
6AN
14.6
15.7
1.0
13
0.5
28.3
21.2
(+)SMBJ14D
6AP
6AP
15.8
17.0
1.0
14
0.5
26.2
22.9
(+)SMBJ15D
6AQ
6AQ
17.0
18.2
1.0
15
0.5
25.0
24.0
(+)SMBJ16D
6AR
6AR
18.1
19.4
1.0
16
0.5
23.4
25.6
(+)SMBJ17D
6AS
6AS
19.2
20.6
1.0
17
0.5
22.1
27.2
(+)SMBJ18D
6AT
6AT
20.3
21.8
1.0
18
0.5
20.8
28.8
(+)SMBJ20D
6AU
6AU
22.5
24.2
1.0
20
0.5
18.8
32.0
(+)SMBJ22D
6AV
6AV
24.8
26.6
1.0
22
0.5
17.1
35.1
(+)SMBJ24D
6AW
6AW
27.1
29.1
1.0
24
0.5
15.6
38.4
(+)SMBJ26D
6AX
6AX
29.3
31.5
1.0
26
0.5
14.5
41.6
(+)SMBJ28D
6AY
6AY
31.6
33.9
1.0
28
0.5
13.4
44.7
(+)SMBJ30D
6AZ
6AZ
33.8
36.3
1.0
30
0.5
12.6
47.7
(+)SMBJ33D
6BA
6BA
37.3
40.0
1.0
33
0.5
11.5
52.5
(+)SMBJ36D
6BB
6BB
40.6
43.6
1.0
36
0.5
10.5
57.3
(+)SMBJ40D
6BC
6BC
45.1
48.4
1.0
40
0.5
9.43
63.6
(+)SMBJ43D
6BD
6BD
48.5
52.1
1.0
43
0.5
8.76
68.5
(+)SMBJ45D
6BE
6BE
50.8
54.5
1.0
45
0.5
8.40
71.6
(+)SMBJ48D
6BF
6BF
54.1
58.1
1.0
48
0.5
7.90
76.3
(+)SMBJ51D
6BG
6BG
57.6
61.8
1.0
51
0.5
7.40
81.2
(+)SMBJ54D
6BH
6BH
60.9
65.4
1.0
54
0.5
7.00
85.9
(+)SMBJ58D
6BK
6BK
65.4
70.2
1.0
58
0.5
6.50
92.3
(+)SMBJ60D
6BL
6BL
67.7
72.7
1.0
60
0.5
6.28
95.5
(+)SMBJ64D
6BM
6BM
72.2
77.5
1.0
64
0.5
5.88
102
(+)SMBJ70D
6BN
6BN
79.0
84.8
1.0
70
0.5
5.40
111
(+)SMBJ75D
6BP
6BP
84.6
90.8
1.0
75
0.5
5.06
119
(+)SMBJ78D
6BQ
6BQ
88.1
94.4
1.0
78
0.5
4.86
124
(+)SMBJ85D
6BR
6BR
95.7
103
1.0
85
0.5
4.46
135
(+)SMBJ90D
6BS
6BS
102
109
1.0
90
0.5
4.17
144
(+)SMBJ100D
6BT
6BT
113
121
1.0
100
0.5
3.77
159
(+)SMBJ110D
6BU
6BU
124
133
1.0
110
0.5
3.45
174
(+)SMBJ120D
6BV
6BV
135
145
1.0
120
0.5
3.15
190
(+)SMBJ130D
6BW
-
146
157
1.0
130
0.5
2.94
206
(+)SMBJ150D
6BX
-
170
182
1.0
150
0.5
2.53
239
(+)SMBJ160D
6BY
-
181
194
1.0
160
0.5
2.34
256
(+)SMBJ170D
6BZ
-
192
206
1.0
170
0.5
2.23
270
SMBJ188D
6CA
-
212
228
1.0
188
0.5
2.03
301



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com