Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8169 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8169
Description  OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8169 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8169 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8169
OC-48 (FEC) 16:1 SONET/SDH
MUX with Clock Generator
G52230-0, Rev 3.6
Page 13
01/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
35
NC
——
No connect, leave unconnected(1)
36
NC
——
No connect, leave unconnected(1)
37
NC
——
No connect, leave unconnected(1)
38
REF_FREQSEL
I
TTL
Reference clock input select
39
VCC
—
+3.3V
Positive power supply
40
VEE
—
GND
Negative power supply
41
FIFO_WARN
O
TTL
FIFO overflow warning
42
VEE
—
GND
Negative power supply
43
VCC
—
+3.3V
Positive power supply
44
RESET
I
TTL
Reset to align FIFO Write and Read pointers
45
NC
——
No connect, leave unconnected(1)
46
NC
——
No connect, leave unconnected(1)
47
NC
——
No connect, leave unconnected(1)
48
NC
——
No connect, leave unconnected(1)
49
NC
——
No connect, leave unconnected(1)
50
VCC
—
+3.3V
Positive power supply
51
VEE
—
GND
Negative power supply
52
CLK16O+
O
LVPECL
Low-speed clock output, true. A divide-by-16 version of the PLL clock.
53
CLK16O-
O
LVPECL
Low-speed clock output, complement. A divide-by-16 version of the
PLL clock.
54
VCC
—
+3.3V
Positive power supply
55
CLKI+
I
LVPECL
Low-speed clock input for latching low-speed data, true
56
CLKI-
I
LVPECL
Low-speed clock input for latching low-speed data, complement
57
VEE
—
GND
Negative power supply
58
D0-
I
LVPECL
Low-speed differential parallel data
59
D0+
I
LVPECL
Low-speed differential parallel data
60
VCC
—
+3.3V
Positive power supply
61
D1-
I
LVPECL
Low-speed differential parallel data
62
D1+
I
LVPECL
Low-speed differential parallel data
63
NC
——
No connect, leave unconnected(1)
64
VCC
—
+3.3V
Positive power supply
65
NC
——
No connect, leave unconnected(1)
66
VCC
—
+3.3V
Positive power supply
67
D2-
I
LVPECL
Low-speed differential parallel data
68
D2+
I
LVPECL
Low-speed differential parallel data
Pin #
Name
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com