Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4401 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N4401
Description  NPN General-Purpose Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401 Datasheet(HTML) 4 Page - ON Semiconductor

  2N4401 Datasheet HTML 1Page - ON Semiconductor 2N4401 Datasheet HTML 2Page - ON Semiconductor 2N4401 Datasheet HTML 3Page - ON Semiconductor 2N4401 Datasheet HTML 4Page - ON Semiconductor 2N4401 Datasheet HTML 5Page - ON Semiconductor 2N4401 Datasheet HTML 6Page - ON Semiconductor 2N4401 Datasheet HTML 7Page - ON Semiconductor 2N4401 Datasheet HTML 8Page - ON Semiconductor 2N4401 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
5. Pulse test: pulse width
≤ 300 μs, duty cycle ≤ 2.0%.
Symbol
Parameter
Conditions
Min.
Max.
Unit
V(BR)CEO
Collector-Emitter Breakdown
Voltage(5)
IC = 1.0 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown
Voltage
IC = 0.1 mA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 0.1 mA, IC = 0
6.0
V
IBL
Base Cut-Off Current
VCE = 35 V, VEB = 0.4 V
0.1
μA
ICEX
Collector Cut-Off Current
VCE = 35 V, VEB = 0.4 V
0.1
μA
hFE
DC Current Gain(5)
IC = 0.1 mA, VCE = 1.0 V
20
IC = 1.0 mA, VCE = 1.0 V
40
IC = 10 mA, VCE = 1.0 V
80
IC = 150 mA, VCE = 1.0 V
100
300
IC = 500 mA, VCE = 2.0 V
40
VCE(sat)
Collector-Emitter Saturation
Voltage(5)
IC = 150 mA, IB = 15 mA
0.40
V
IC = 500 mA, IB = 50 mA
0.75
VBE(sat)
Base-Emitter Saturation Voltage(5)
IC = 150 mA, IB = 15 mA
0.75
0.95
V
IC = 500 mA, IB = 50 mA
1.20
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 10 V,
f = 100 MHz
250
MHz
Ccb
Collector-Base Capacitance
VCB = 5.0 V, IE = 0,
f = 140 kHz
6.5
pF
Ceb
Emitter-Base Capacitance
VBE = 0.5 V, IC = 0,
f = 140 kHz
30
pF
hie
Input Impedance
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
1.0
15.0
k
Ω
hre
Voltage Feedback Ratio
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
0.1
8.0
x10-4
hfe
Small-Signal Current Gain
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
40
500
hoe
Output Admittance
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
1.0
30
μmhos
td
Delay Time
VCC = 30 V, VEB = 2 V,
IC = 150 mA, IB1 = 15 mA
15
ns
tr
Rise Time
20
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA,
IB1 = IB2 = 15 mA
225
ns
tf
Fall Time
30
ns
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com