Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM1007 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FODM1007
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM1007 Datasheet(HTML) 1 Page - ON Semiconductor

  FODM1007 Datasheet HTML 1Page - ON Semiconductor FODM1007 Datasheet HTML 2Page - ON Semiconductor FODM1007 Datasheet HTML 3Page - ON Semiconductor FODM1007 Datasheet HTML 4Page - ON Semiconductor FODM1007 Datasheet HTML 5Page - ON Semiconductor FODM1007 Datasheet HTML 6Page - ON Semiconductor FODM1007 Datasheet HTML 7Page - ON Semiconductor FODM1007 Datasheet HTML 8Page - ON Semiconductor FODM1007 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2021 − Rev. 3
1
Publication Order Number:
FODM1009/D
Single Channel, DC Sensing
Input, Phototransistor
Optocoupler In Stretched
Body SOP 4-Pin
FODM100x Series
Description
The FODM100x Series, single channel, DC sensing input,
optocoupler consists of one gallium arsenide (GaAs) infrared light
emitting diode optically coupled to one phototransistor, in a stretched
body SOP 4−pin package. The input−output isolation voltage, VISO, is
rated at 5,000 VACRMS.
Features
• ≥ 8 mm Creepage and Clearance Distance, and ≥ 0.4 mm Insulation
Distance to Achieve Reliable and High Voltage Insulation
• Safety and Regulatory Approvals
• UL1577, 5,000 VACRMS for 1 min
• DIN_EN/IEC60747−5−5, 890 V_Peak Working Voltage
• High Breakdown Collector to Emitter Voltage, BVCEO = 70 V
Minimum
• Extended Industrial Temperate Range, −40 to 110°C
• Current Transfer Ratio at IF = 5 mA, VCE = 5 V, TA = 25°C
• FODM1007: 80 to 160%
• FODM1008: 130 to 260%
• FODM1009: 200 to 400%
• These are Pb−Free Devices
Applications
• Primarily Suited for DC−DC Converters
• For Ground Loop Isolation, Signal to Noise Isolation
• Communications – Adapters, Chargers
• Consumer – Appliances, Set−Top Boxes
• Industrial – Power Supplies, Motor Control, Programmable Logic
Control
Related Resources
• https://www.onsemi.com/products/optoelectronics/
• www.onsemi.com/datsheets/HM/HMHA2801.pdf
www.onsemi.com
See detailed ordering and shipping information on page 7 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
SSOP4 / LSOP04
CASE 565BH
100x = Specific Device Code (x = 7, 8, 9)
V
= DIN EN/IEC60747−5−5 Option (only
appears on component ordered with
this option)
X
= Last Digit Year Code
YY
= Two Digit Work Week
L
= Assembly Package Code
PIN CONNECTIONS
100x
VXYYL
ON
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE


Similar Part No. - FODM1007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
632Kb / 10P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results

Similar Description - FODM1007

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
logo
ON Semiconductor
FODM217A ONSEMI-FODM217A Datasheet
831Kb / 12P
Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
FODM217B ONSEMI-FODM217B Datasheet
831Kb / 12P
Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
FODM214 ONSEMI-FODM214 Datasheet
305Kb / 9P
Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
August, 2019 ??Rev. 2
FODM181 ONSEMI-FODM181 Datasheet
384Kb / 8P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Full-Pitch Mini-Flat 4-Pin Package
September, 2022 - Rev. P0
FODM291 ONSEMI-FODM291 Datasheet
507Kb / 8P
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
September, 2022 - Rev. 0
FODM214 ONSEMI-FODM214_V01 Datasheet
246Kb / 9P
Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
December, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com