| Electronic Components Datasheet Search |
|
MT9V024D Datasheet(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MT9V024D Datasheet(HTML) 13 Page - ON Semiconductor |
|
13 / 40 page ![]() MT9V024/D www.onsemi.com 13 Recommended Register Settings Table 8 describes new suggested register settings, and descriptions of performance improvements and conditions: Table 8. RECOMMENDED REGISTER SETTINGS AND PERFORMANCE IMPACT (RESERVED REGISTERS) Register Current Default New Setting Performance Impact R0x20 0x01C1 0x03C7 Recommended by design to improve performance in HDR mode and when frame rate is low. We also recommended using R0x13 = 0x2D2E with this setting for better column FPN. NOTE: When coarse integration time set to 0 and fine integration time less than 456, R0x20 should be set to 0x01C7 R0x24 0x0010 0x001B Corrects pixel negative dark offset when global reset in R0x20[9] is enabled. R0x2B 0x0004 0x0003 Improves column FPN. R0x2F 0x0004 0x0003 Improves FPN at near−saturation. FEATURE DESCRIPTION Operational Modes The MT9V024 works in master, snapshot, or slave mode. In master mode the sensor generates the readout timing. In snapshot mode it accepts an external trigger to start integration, then generates the readout timing. In slave mode the sensor accepts both external integration and readout controls. The integration time is programmed through the two−wire serial interface during master or snapshot modes, or controlled through an externally generated control signal during slave mode. Master Mode There are two possible operation methods for master mode: simultaneous and sequential. One of these operation modes must be selected through the two−wire serial inter−face. Additional details on this mode can be found in AND9255/D Master Exposure Mode Operation. Simultaneous Master Mode In simultaneous master mode, the exposure period occurs during readout. The frame synchronization waveforms are shown in Figure 14 and Figure 15. The exposure and readout happen in parallel rather than sequential, making this the fastest mode of operation. EXPOSURE TIME FRAME TIME tVBLANK tLED2FV−SIM tLED2FV−SIM LED_OUT FRAME_VALID LINE_VALID Figure 14. Simultaneous Master Mode Synchronization Waveforms #1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |