Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTJD2152P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTJD2152P
Description  Trench Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD2152P Datasheet(HTML) 1 Page - ON Semiconductor

  NTJD2152P Datasheet HTML 1Page - ON Semiconductor NTJD2152P Datasheet HTML 2Page - ON Semiconductor NTJD2152P Datasheet HTML 3Page - ON Semiconductor NTJD2152P Datasheet HTML 4Page - ON Semiconductor NTJD2152P Datasheet HTML 5Page - ON Semiconductor NTJD2152P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 2
1
Publication Order Number:
NTJD2152/D
NTJD2152P
Trench Small Signal
MOSFET
8 V, Dual P−Channel, SC−88
ESD Protection
Features
• Leading –8 V Trench for Low R
DS(ON) Performance
• ESD Protected Gate
• Small Footprint (2 x 2 mm)
• Same Package as SC−70−6
• Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
Applications
• Load Power switching
• DC−DC Conversion
• Li−Ion Battery Charging Circuits
• Cell Phones, Media Players, Digital Cameras, PDAs
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−8.0
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain
Current
Steady
State
TA = 25 °C
ID
−0.775
A
Current
(Based on RqJA)
State
TA = 85 °C
−0.558
Power Dissipation
(Based on R
)
Steady
State
TA = 25 °C
PD
0.27
W
(Based on RqJA)
State
TA = 85 °C
0.14
Continuous Drain
Current
Steady
State
TA = 25 °C
ID
−1.1
A
Current
(Based on RqJL)
State
TA = 85 °C
−0.8
Power Dissipation
(Based on R
)
Steady
State
TA = 25 °C
P
0.55
W
(Based on RqJL)
State
TA = 85 °C
PD
0.29
Pulsed Drain Current
t
≤10 ms
IDM
±1.2
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Continuous Source Current (Body Diode)
IS
−0.775
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Typ
Max
Unit
Junction−to−Ambient – Steady State
RqJA
400
460
°C/W
Junction−to−Lead (Drain) – Steady State
RqJL
194
226
1. Surface mounted on FR4 board using 1 oz Cu area = 0.9523 in sq.
Top View
SC−88 (SOT−363)
CASE 419B
Style 26
MARKING DIAGRAM
6
1
http://onsemi.com
TA
= Device Code
D
= Date Code
16
Drain−1
Gate−2
Source−2
Source−1
Gate−1
Drain−2
Top View
SOT−363
SC−88 (6 LEADS)
D1
G2
S2
S1
G1
6
5
4
1
2
3
V(BR)DSS
RDS(on) TYP
ID Max
−8 V
0.22
W @ −4.5 V
0.32
W @ −2.5 V
0.51
W @ −1.8 V
−0.775 A
PIN ASSIGNMENT
TAD
D2
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NTJD2152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD2152P ONSEMI-NTJD2152P Datasheet
133Kb / 6P
Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT1 ONSEMI-NTJD2152PT1 Datasheet
133Kb / 6P
Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT1G ONSEMI-NTJD2152PT1G Datasheet
133Kb / 6P
Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT2 ONSEMI-NTJD2152PT2 Datasheet
133Kb / 6P
Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT2G ONSEMI-NTJD2152PT2G Datasheet
133Kb / 6P
Trench Small Signal MOSFET
March, 2006 ??Rev. 3
More results

Similar Description - NTJD2152P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTJD4001N ONSEMI-NTJD4001N Datasheet
46Kb / 6P
Small Signal MOSFET
August, 2003 ??Rev. 0
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
NTJD2152P ONSEMI-NTJD2152P_06 Datasheet
133Kb / 6P
Trench Small Signal MOSFET
March, 2006 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2N7002DW SECOS-2N7002DW Datasheet
142Kb / 3P
Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G_15 Datasheet
1Mb / 6P
Small Signal MOSFET
L2N7002KN3T5G LRC-L2N7002KN3T5G_15 Datasheet
230Kb / 5P
Small Signal MOSFET
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
Small Signal MOSFET
L2N7002M3T5G LRC-L2N7002M3T5G_15 Datasheet
173Kb / 4P
Small Signal MOSFET
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P_15 Datasheet
75Kb / 5P
Trench Small Signal MOSFET
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com