Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR5802DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR5802DP
Description  N-Channel 80 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR5802DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR5802DP Datasheet HTML 1Page - Vishay Siliconix SIR5802DP Datasheet HTML 2Page - Vishay Siliconix SIR5802DP Datasheet HTML 3Page - Vishay Siliconix SIR5802DP Datasheet HTML 4Page - Vishay Siliconix SIR5802DP Datasheet HTML 5Page - Vishay Siliconix SIR5802DP Datasheet HTML 6Page - Vishay Siliconix SIR5802DP Datasheet HTML 7Page - Vishay Siliconix SIR5802DP Datasheet HTML 8Page - Vishay Siliconix SIR5802DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SIR5802DP
www.vishay.com
Vishay Siliconix
S21-0369-Rev. B, 19-Apr-2021
1
Document Number: 63057
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 80 V (D-S) MOSFET
FEATURES
• TrenchFET® Gen V power MOSFET
• Ultra-low RDS x Qg FOM product
• Optimized Qgd/Qgs ratio
• Excellent
efficiency
performance
in
power supplies
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Synchronous rectification
• Primary side switch
• OR-ing and hot swap switch
• Motor drive control
• Battery management
Notes
a. Package limited
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
f. Maximum under steady state conditions is 54 °C/W
g. TC = 25 °C
PRODUCT SUMMARY
VDS (V)
80
RDS(on) max. (
Ω) at VGS = 10 V
0.0029
RDS(on) max. (
Ω) at VGS = 7.5 V
0.0040
Qg typ. (nC)
28
ID (A)
137.5
Configuration
Single
PowerPAK® SO-8 Single
Top View
1
6.15
mm
5.15
mm
Bottom View
4
G
3
S
2
S
1
S
D
8
D
6
D
7
D
5
N-Channel MOSFET
G
D
S
ORDERING INFORMATION
Package
PowerPAK SO-8
Lead (Pb)-free and halogen-free
SIR5802DP-T1-RE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
80
V
Gate-source voltage
VGS
± 20
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
137.5
A
TC = 70 °C
110
TA = 25 °C
33.6 b, c
TA = 70 °C
26.9 b, c
Pulsed drain current (t = 100 μs)
IDM
300
Continuous source-drain diode current
TC = 25 °C
IS
94.5 a
TA = 25 °C
5.6 b, c
Single pulse avalanche current
L = 0.1 mH
IAS
45
Single pulse avalanche energy
EAS
101.2
mJ
Maximum power dissipation
TC = 25 °C
PD
104
W
TC = 70 °C
66.6
TA = 25 °C
6.25 b, c
TA = 70 °C
4 b, c
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) c
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b
t
≤ 10 s
RthJA
15
20
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
0.9
1.2


Similar Part No. - SIR5802DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR580DP VISHAY-SIR580DP Datasheet
262Kb / 9P
N-Channel 80 V (D-S) MOSFET
26-Oct-2020
More results

Similar Description - SIR5802DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
N-Channel 80-V (D-S) MOSFET
28-May-01
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SI7852DP TFUNK-SI7852DP Datasheet
303Kb / 12P
N-Channel 80-V (D-S) MOSFET
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
N-Channel 80 V (D-S) MOSFET
SIS468DN TFUNK-SIS468DN Datasheet
559Kb / 13P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
N-Channel 80-V (D-S) MOSFET
18-May-09
logo
VBsemi Electronics Co.,...
UTT80N08 VBSEMI-UTT80N08 Datasheet
1,001Kb / 8P
N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com