Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8025713 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8025713
Description  Flow control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8025713 Datasheet(HTML) 1 Page - Festo Corporation.

  8025713 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flow control
VFFG-T-M5-10
Part number: 8025713
Data sheet
Feature
Value
Valve function
Flow control function
Type of mounting
With thread
Standard nominal flow rate in flow control direction
40.8 l/min
Operating pressure
-0.9 bar ... 10 bar
Ambient temperature
-5 °C ... 60 °C
Nominal width
1.05 mm
b-value
0.5
C value
0.14 l/sbar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Storage temperature
-20 °C ... 60 °C
Product weight
0.5 g
Note on materials
RoHS-compliant
Hollow bolt material
PA
8/7/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8025713

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8025712 FESTO-8025712 Datasheet
56Kb / 1P
Flow control
8/7/22
8025715 FESTO-8025715 Datasheet
55Kb / 1P
Flow control
8/7/22
8025716 FESTO-8025716 Datasheet
55Kb / 1P
Flow control
8/7/22
More results

Similar Description - 8025713

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08329 3M-08329 Datasheet
46Kb / 4P
Control-Flow SeamSealer
Jul-2017
logo
Festo Corporation.
VPCF-6-L-8-G38-6-A4-E-EX2 FESTO-VPCF-6-L-8-G38-6-A4-E-EX2 Datasheet
90Kb / 2P
Proportional flow control valve
VPCF-6-L-8-G38-6-V1-E-EX2 FESTO-VPCF-6-L-8-G38-6-V1-E-EX2 Datasheet
90Kb / 2P
Proportional flow control valve
151162 FESTO-151162 Datasheet
89Kb / 2P
One-way flow control valve
8086472 FESTO-8086472 Datasheet
96Kb / 2P
Proportional flow control valve
1/21/22
8086473 FESTO-8086473 Datasheet
96Kb / 2P
Proportional flow control valve
1/21/22
8025709 FESTO-8025709 Datasheet
55Kb / 1P
Flow control
8/7/22
8025712 FESTO-8025712 Datasheet
56Kb / 1P
Flow control
8/7/22
8025715 FESTO-8025715 Datasheet
55Kb / 1P
Flow control
8/7/22
8025716 FESTO-8025716 Datasheet
55Kb / 1P
Flow control
8/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com