Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMXD Datasheet(PDF) 1 Page - C&K Components

Part # SAMXD
Description  Dust Protected Seat Adjustment Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SAMXD Datasheet(HTML) 1 Page - C&K Components

  SAMXD Datasheet HTML 1Page - C&K Components SAMXD Datasheet HTML 2Page - C&K Components SAMXD Datasheet HTML 3Page - C&K Components SAMXD Datasheet HTML 4Page - C&K Components SAMXD Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
C
C–4
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
Electrical
RATING: 15A @ 14V DC
INITIAL CONTACT RESISTANCE: <50mΩ per switching circuit
JUMP START: 26VDC for 1 minute
OVER VOLTAGE: 18VDC for 60 minute at 65ºC
OVER CURRENT: 30A at 14V for 10 minute
BOUNCE TIME: <10ms
Environmental
OPERATING TEMPERATURE: -40ºC to +85ºC
SEALING LEVEL: IP5x
Specifications
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPDT per switching circuit
SWITCHING MODE: Non-Shorting
TERMINALS: THT - Through Hole Terminals
SAMXD Series
Dust Protected Seat Adjustment Switches
Features/Benefits
• Multi-directional 2 & 4 ways
• Power handling for motor direct
drive
• IP5x
• THT terminations
Typical Applications
• Seat adjustment module for
passenger cars & commercial
vehicles
• Industrial joystick
New
P/N
Description
Actuator
Position
Actuator
Shape
Spring
Pin
Cycles
Operating
Force (N)
Travel
(mm)
SAMXDH2LR14SP
SAM XD 2W LR Switch
2 way
Left
Round
Yes
30,000
5.3
± 1.5
1.3
± 0.4
SAMXDH2LR10SP
SAM XD 2W LR Switch
2 way
Left
Round
Yes
30,000 6.0
± 1.75 1.0 ± 0.4
SAMXDH2LR10
SAM XD 2W LR Switch
2 way
Left
Round
No
30,000 6.0
± 1.75 1.0 ± 0.4
SAMXDH2LS11
SAM XD 2W LS Switch
2 way
Left
Square
No
30,000 6.0
± 1.75 1.0 ± 0.4
SAMXDH2MR14SP
SAM XD 2W MR Switch
2 way
Middle
Round
Yes
30,000
5.3
± 1.5
1.3
± 0.4
SAMXDH2MR10SP
SAM XD 2W MR Switch
2 way
Middle
Round
Yes
30,000 6.0
± 1.75 1.0 ± 0.4
SAMXDH4MR11SP
SAM XD 4W MR Switch
4 way
Middle
Round
Yes
30,000 6.0
± 1.75 1.2 ± 0.4
SAMXDH4MS11
SAM XD 4W MR Switch
4 way
Middle
Square
No
30,000 6.0
± 1.75 1.2 ± 0.4
How To Order
Our easy build-a-switch concept allows you to mix and mtach options to create the switch you need. To order, select desired
option from each category and place it in the eappropriate box.
For any part number different from those listed above, please consult your local representative.
10 Jun 21
Actuator Shape
R
Round
S
Square
Power Handling
H
High power
Actuator Location
M
Middle
L
Left (for 2 ways only)
S
A
Actuator Height
Distance from top of casing to
reference point (See drawings)
M X
D
Number of Ways
2
2 ways
4
4 ways
SP Spring and ejection pin
NONE No spring and ejection pin


Similar Part No. - SAMXD

ManufacturerPart #DatasheetDescription
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
logo
GOOD SKY ELECTRIC CO., ...
SAM GOODSKY-SAM Datasheet
462Kb / 2P
Relay
logo
C&K Components
SAM CK-COMPONENTS-SAM Datasheet
806Kb / 3P
Multiway Switches
26 jul 18
logo
Mini-Circuits
SAM-1 MINI-SAM-1 Datasheet
141Kb / 2P
FREQUENCY MIXERS
SAM-1 MINI-SAM-1 Datasheet
237Kb / 2P
Frequency Mixer
More results

Similar Description - SAMXD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7510DI AD-AD7510DI Datasheet
2Mb / 8P
Protected Analog Switches
AD7511DI AD-AD7511DI Datasheet
637Kb / 8P
DI CMOS Protected Analog Switches
logo
C&K Components
ZMS CK-COMPONENTS-ZMS Datasheet
209Kb / 4P
Subminiature Snap-acting Switches (Dust Proof)
logo
Analog Devices
AD7512DIKNZ AD-AD7512DIKNZ Datasheet
2Mb / 8P
DI CMOS Protected Analog Switches
REV. A
AD7512DIJNZ AD-AD7512DIJNZ Datasheet
2Mb / 8P
DI CMOS Protected Analog Switches
REV. A
logo
Axiomtek Co., Ltd.
AX7020K AXIOMTEK-AX7020K_14 Datasheet
154Kb / 1P
Dust-protected and waterproof surface
logo
SHINMEI ELECTRIC CO., L...
MQS-55 SHINMEI-MQS-55 Datasheet
336Kb / 13P
Dust protected Compact-sized Snap Action Switches
MQS-56 SHINMEI-MQS-56 Datasheet
124Kb / 3P
Dust protected Compact-sized Snap Action Switches
MQS-57 SHINMEI-MQS-57 Datasheet
125Kb / 3P
Dust protected Compact-sized Snap Action Switches
MQS-59 SHINMEI-MQS-59 Datasheet
78Kb / 2P
Dust protected Compact-sized Snap Action Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com