Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTP2907AS3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTP2907AS3
Description  General Purpose PNP Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTP2907AS3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTP2907AS3 Datasheet HTML 1Page - Cystech Electonics Corp. BTP2907AS3 Datasheet HTML 2Page - Cystech Electonics Corp. BTP2907AS3 Datasheet HTML 3Page - Cystech Electonics Corp. BTP2907AS3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C317S3-H
Issued Date : 2003.04.11
Revised Date :
Page No. : 1/4
BTP2907AS3
CYStek Product Specification
General Purpose PNP Epitaxial Planar Transistor
BTP2907AS3
Description
• The BTP2907AS3 is designed for general purpose amplifier applications. It is housed in the
SOT-323/SC-70 package which is designed for low power surface mount applications.
• Low VCE(sat)
• High switching speed.
• Complementary to BTN2222AS3
Equivalent Circuit
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-600
mA
Power Dissipation @TA=25℃
Pd
150 (Note 1)
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note 1:When mounted on a FR-5 board with area measuring 1.0× 0.75× 0.062 in.
BTP2907AS3
SOT-323
B:Base
C:Collector
E:Emitter


Similar Part No. - BTP2907AS3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP2907A3 CYSTEKEC-BTP2907A3 Datasheet
174Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTP2907AL3 CYSTEKEC-BTP2907AL3 Datasheet
135Kb / 3P
General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
More results

Similar Description - BTP2907AS3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTA1514N3 CYSTEKEC-BTA1514N3_06 Datasheet
259Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
General Purpose PNP Epitaxial Planar Transistor
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com