Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2006 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP2006
Description  200KHz, PWM Buck DC/DC & Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2006 Datasheet(HTML) 5 Page - Anachip Corp

  AP2006 Datasheet HTML 1Page - Anachip Corp AP2006 Datasheet HTML 2Page - Anachip Corp AP2006 Datasheet HTML 3Page - Anachip Corp AP2006 Datasheet HTML 4Page - Anachip Corp AP2006 Datasheet HTML 5Page - Anachip Corp AP2006 Datasheet HTML 6Page - Anachip Corp AP2006 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP2006
200KHz, PWM Buck DC/DC & Linear Controller
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Nov 17, 2004
5/7
Typical Application Circuit (Continued)
(2) VOUT2 Drive NMOS
FB1
GND
SCP
SS/EN
FB2
OUT1
V
CC
1
2
3
4
8
5
6
V
OUT2
V
CC2
=3.3V
R2
100
R1
50
=1.8V
7
OUT2
100nF
1nF
V
CC1
VCC1
R4
100
R3
170
47uH
V
OUT1=3.3V
PMOS
Schottcky
F
470µ
F
220µ
F
220µ
F
220µ
AP2006
NMOS
10K
AP2006=> VOUT1=1.25*(1+R3/R4)
VOUT2=1.25*(1+R1/R2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com