Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01ACFR05-R-C-E22 Datasheet(PDF) 2 Page - C&K Components

Part # 01ACFR05-R-C-E22
Description  Mini Size Sealed Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

01ACFR05-R-C-E22 Datasheet(HTML) 2 Page - C&K Components

  01ACFR05-R-C-E22 Datasheet HTML 1Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 2Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 3Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 4Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Third Angle
Projection
ZMT Series
Mini Size Sealed Snap-acting Switches
SERIES
ZMT  MINI SIZE SEALED SNAP-ACTING SWITCHES - SP MOMENTARY
ELECTRICAL RATING
NEW
J–11
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
27 Jan 22
J
Mounting holes for PCB terminal
Silver Contacts
Gold Contacts
- Note: See Technical Data in section N of this catalog for RoHS compliant and compatible definition and specifications.
- All models
with all options.
- Consult Customer Service center for availability and delivery of nonstandard ratings.
ZMT
UL1054/UL1058
01A
0.1A 125/250VAC
3A 24VDC
03A
3A 125/250VAC
3A 24VDC
05A
5A 125/250VAC
3A 24VDC
ZMT
UL1054/UL1058
G03
3A 125/250VAC
3A 24VDC
OPERATING FORCE
OPERATING
CODE
OPERATING FORCE AT THE
BOTTON
(OZ / GRAMS)
CF
3.52 / 100
CJ
5.99 / 170



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com