Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF820AS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IRF820AS
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF820AS Datasheet(HTML) 4 Page - Vishay Siliconix

  IRF820AS Datasheet HTML 1Page - Vishay Siliconix IRF820AS Datasheet HTML 2Page - Vishay Siliconix IRF820AS Datasheet HTML 3Page - Vishay Siliconix IRF820AS Datasheet HTML 4Page - Vishay Siliconix IRF820AS Datasheet HTML 5Page - Vishay Siliconix IRF820AS Datasheet HTML 6Page - Vishay Siliconix IRF820AS Datasheet HTML 7Page - Vishay Siliconix IRF820AS Datasheet HTML 8Page - Vishay Siliconix IRF820AS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRF820AS, SiHF820AS, IRF820AL, SiHF820AL
www.vishay.com
Vishay Siliconix
S21-0901-Rev. D, 30-Aug-2021
4
Document Number: 91058
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 4 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 5 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 6 - Typical Source-Drain Diode Forward Voltage
Fig. 7 - Maximum Safe Operating Area
102
104
1
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91058_05
103
102
10
110
103
QG, Total Gate Charge (nC)
20
15
10
5
0
04
16
12
8
V
DS = 100 V
V
DS = 250 V
For test circuit
see figure 13
V
DS = 400 V
91058_06
I
D = 2.5 A
10
1
VSD, Source-to-Drain Voltage (V)
0.4
1.2
1.0
0.8
0.6
V
GS = 0 V
91058_07
T
J = 25 °C
T
J = 150 °C
0.1
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
102
0.1
1
10
10
102
103
104
91058_08



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com