Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840AL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRF840AL
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF840AL Datasheet(HTML) 2 Page - Vishay Siliconix

  IRF840AL Datasheet HTML 1Page - Vishay Siliconix IRF840AL Datasheet HTML 2Page - Vishay Siliconix IRF840AL Datasheet HTML 3Page - Vishay Siliconix IRF840AL Datasheet HTML 4Page - Vishay Siliconix IRF840AL Datasheet HTML 5Page - Vishay Siliconix IRF840AL Datasheet HTML 6Page - Vishay Siliconix IRF840AL Datasheet HTML 7Page - Vishay Siliconix IRF840AL Datasheet HTML 8Page - Vishay Siliconix IRF840AL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF840AS, SiHF840AS, IRF840AL, SiHF840AL
www.vishay.com
Vishay Siliconix
S21-0901-Rev. E, 30-Aug-2021
2
Document Number: 91066
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. Pulse width
≤ 300 μs; duty cycle ≤ 2 %
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 %to 80 % VDS
d. Uses IRF840A, SiHF840A data and test conditions
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
(PCB mount)a
RthJA
--
40
°C/W
Maximum Junction-to-Case (Drain)
RthJC
--
1.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
500
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
Reference to 25 °C, ID = 1 mA d
-0.58
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
25
μA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 4.8 A b
-
-
0.85
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 4.8 A
3.7
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1018
-
pF
Output Capacitance
Coss
-
155
-
Reverse Transfer Capacitance
Crss
-8.0
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V, f = 1.0 MHz
1490
Output Capacitance
Coss
VDS = 400 V, f = 1.0 MHz
42
Effective Output Capacitance
Coss eff.
VDS = 0 V to 480 V c, d
56
Total Gate Charge
Qg
VGS = 10 V
ID = 8.0 A, VDS = 400 V,
see fig. 6 and 13 b, d
--
38
nC
Gate-Source Charge
Qgs
--
9.0
Gate-Drain Charge
Qgd
--
18
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 8.0 A,
Rg = 9.1
Ω, RD = 31 Ω, see fig. 10 b, d
-11
-
ns
Rise Time
tr
-23
-
Turn-Off Delay Time
td(off)
-26
-
Fall Time
tf
-19
-
Gate Input Resistance
Rg
f = 1 MHz, open drain
0.7
-
3.7
Ω
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
8.0
A
Pulsed Diode Forward Current a
ISM
--
32
Body Diode Voltage
VSD
TJ = 25 °C, IS = 8.0 A, VGS = 0 V b
--
2.0
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 8.0 A, dI/dt = 100 A/μs b
-
422
633
ns
Body Diode Reverse Recovery Charge
Qrr
-2.0
3.0
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com