Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1HNK60R Datasheet(PDF) 2 Page - STMicroelectronics

Part # 1HNK60R
Description  N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1HNK60R Datasheet(HTML) 2 Page - STMicroelectronics

  1HNK60R Datasheet HTML 1Page - STMicroelectronics 1HNK60R Datasheet HTML 2Page - STMicroelectronics 1HNK60R Datasheet HTML 3Page - STMicroelectronics 1HNK60R Datasheet HTML 4Page - STMicroelectronics 1HNK60R Datasheet HTML 5Page - STMicroelectronics 1HNK60R Datasheet HTML 6Page - STMicroelectronics 1HNK60R Datasheet HTML 7Page - STMicroelectronics 1HNK60R Datasheet HTML 8Page - STMicroelectronics 1HNK60R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
2/15
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤1.0A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
Table 4: Thermal Data
(#) When mounted on FR-4 board of 1 in2 , 2oz Cu, t < 10 sec
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
Symbol
Parameter
Value
Unit
DPAK / IPAK
TO-92
SOT-223
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
1.0
0.4
0.4
A
ID
Drain Current (continuous) at TC = 100°C
0.63
0.25
0.25
A
IDM ( )
Drain Current (pulsed)
4
1.6
1.6
A
PTOT
Total Dissipation at TC = 25°C
30
3
3.3
W
Derating Factor
0.24
0.025
0.025
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
DPAK/IPAK
TO-92
SOT-223
Unit
Rthj-case
Thermal Resistance Junction-case Max
4.16
--
--
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
120
37.87 (#)
°C/W
Rthj-lead
Thermal Resistance Junction-lead Max
--
40
--
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
275
260
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
1A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
25
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 1mA, VGS = 0
600
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 30V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.25
3
3.7
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 0.5 A
8
8.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com