Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8522GEDV Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8522GEDV
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522GEDV Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8522GEDV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8522GEDV Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
9
DIGITAL AUDIO INTERFACE – SLAVE MODE
Figure 4 Audio Interface – Slave Mode
BCLK
LRCLK
t
BCH
t
BCL
t
BCY
DIN1/2/3
t
LRSU
t
DS
t
LRH
Figure 5 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
LRCLK set-up time to BCLK
rising edge
tLRSU
10
ns
LRCLK hold time from
BCLK rising edge
tLRH
10
ns
DIN1/2/3 set-up time to
BCLK rising edge
tDS
10
ns
DIN1/2/3 hold time from
BCLK rising edge
tDH
10
ns
Table 3 Digital Audio Data Timing – Slave Mode
BCLK
DIN1/2/3
LRCLK
WM8522
DAC
DSP/
DECODER
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com