Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCC0E2Z Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0E2Z
Description  Receptacles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0E2Z Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0E2Z Datasheet HTML 1Page - Balluff Korea Ltd. BCC0E2Z Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Receptacles
BCC M354-0000-20-RM050-005
Order Code: BCC0E2Z
Internet
www.balluff.com
eCl@ss 9.1: 27-44-01-03
Subject to change without notice: 227208
ETIM 6.0: EC002635
BCC0E2Z_0.66_2022-07-16
1 / 2
Basic features
Approval/Conformity
EAC
WEEE
Electrical connection
Conductor cross-section
0.25 mm²
Connection
M8x1-Male, Straight, 4-pin, A-
coded
Number of conductors
4
Electrical data
Operating voltage Ub
30 VDC / 30 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Ambient temperature
-25...85 °C
IP rating
IP67
Material
Conductor insulation material
TPE
Housing material
PA
Brass
Material contact carrier
PA
Material contacts
Brass
Mechanical data
Lead length L
0.50 m
Mounting part
M8x0.5
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Nut included in scope of delivery


Similar Part No. - BCC0E2Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0E07 BALLUFF-BCC0E07 Datasheet
102Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0E0Y BALLUFF-BCC0E0Y Datasheet
96Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0E0Z BALLUFF-BCC0E0Z Datasheet
96Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0E1K BALLUFF-BCC0E1K Datasheet
110Kb / 2P
Receptacles
0.61_2022-08-08
BCC0E1L BALLUFF-BCC0E1L Datasheet
110Kb / 2P
Receptacles
0.57_2022-08-08
More results

Similar Description - BCC0E2Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0CWL BALLUFF-BCC0CWL Datasheet
104Kb / 2P
Receptacles
0.63_2022-07-16
BCC0CYE BALLUFF-BCC0CYE Datasheet
107Kb / 2P
Receptacles
0.63_2022-07-16
BCC0CZ9 BALLUFF-BCC0CZ9 Datasheet
110Kb / 2P
Receptacles
0.61_2022-07-16
BCC0E53 BALLUFF-BCC0E53 Datasheet
97Kb / 2P
Receptacles
0.7_2022-07-16
BCC0E63 BALLUFF-BCC0E63 Datasheet
108Kb / 2P
Receptacles
0.69_2022-07-26
BCC0ER3 BALLUFF-BCC0ER3 Datasheet
110Kb / 2P
Receptacles
0.62_2022-07-11
BCC0CYN BALLUFF-BCC0CYN Datasheet
106Kb / 2P
Receptacles
0.63_2022-08-08
BCC0CZ6 BALLUFF-BCC0CZ6 Datasheet
107Kb / 2P
Receptacles
0.63_2022-08-08
BCC0E35 BALLUFF-BCC0E35 Datasheet
93Kb / 2P
Receptacles
0.6_2022-07-16
BCC0E57 BALLUFF-BCC0E57 Datasheet
97Kb / 2P
Receptacles
0.62_2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com