Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL3845B Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # PL3845B
Description  High Performance Current Mode PWM Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL3845B Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PL3845B Datasheet HTML 1Page - Cystech Electonics Corp. PL3845B Datasheet HTML 2Page - Cystech Electonics Corp. PL3845B Datasheet HTML 3Page - Cystech Electonics Corp. PL3845B Datasheet HTML 4Page - Cystech Electonics Corp. PL3845B Datasheet HTML 5Page - Cystech Electonics Corp. PL3845B Datasheet HTML 6Page - Cystech Electonics Corp. PL3845B Datasheet HTML 7Page - Cystech Electonics Corp. PL3845B Datasheet HTML 8Page - Cystech Electonics Corp. PL3845B Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C510P8
Issued Date : 2003.04.24
Revised Date :
Page No. : 1/15
PL384XBP8
CYStek Product Specification
High Performance Current Mode PWM Controllers
PL384XBP8
Description
The PL384XBP8 family of control ICs provides the necessary features to implement off-line or DC to DC fixed
frequency current mode control schemes with a minimal external parts count. Internally implemented circuits
include a trimmed oscillator for precise duty cycle control, under voltage lockout featuring start-up current less than
0.5mA, a precision reference trimmed for accuracy at the error amp input, logic to insure latched operation, a PWM
comparator which also provides current limit control, and a totem pole output stage designed to source or sink high
peak current. The output stage, suitable for driving N-channel MOSFETs, is low in the off-state.
Differences between members of this family are the under-voltage lockout thresholds and maximum duty cycle
ranges. The PL3842B and PL3844B have UVLO thresholds of 16V (on) and 10V (off), ideally suited off-line
applications. The corresponding thresholds for the PL3843B and PL3845B are 8.5V and 7.9V. The PL3842B and
PL3843B can operate to duty cycles approaching 100%. A range of the zero to <50% is obtained by the PL3844B
and PL3845B by the addition of an internal toggle flip flop which blanks the output off every other clock cycle.
Features
• Trimmed oscillator for precise frequency control
• Oscillator frequency guaranteed at 250 kHz
• Current mode operation to 500kHz
• Automatic feed forward compensation
• Latching PWM for cycle-by-cycle current limiting
• Internally trimmed reference with undervoltage lockout
• High current totem pole output
• Undervoltage lockout with hysteresis
• Low start-up and operating current
Block Diagram( toggle flip flop used only in PL3844B and PL3845B)
S/R
5V
REF
2.50V
VREF GOOD
LOGIC
INTERNAL
BIAS
OSC
ERROR AMP.
2R
R
1V
R
S
T
CURRENT
SENSE
COMPARATOR
PWM
LATCH
VREF
5V50mA
OUTPUT
8
6
VI
GROUND
RT/CT
VFB
COMP
CURRENT
SENSE
7
5
34V
UVLO
4
2
1
3
PL3842B


Similar Part No. - PL3845B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL3845B CYSTEKEC-PL3845B Datasheet
279Kb / 15P
High Performance Current Mode PWM Controllers
More results

Similar Description - PL3845B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com