Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2950 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # PL2950
Description  100mA Low Dropout Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2950 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL2950 Datasheet HTML 1Page - Cystech Electonics Corp. PL2950 Datasheet HTML 2Page - Cystech Electonics Corp. PL2950 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C503A3
Issued Date : 2003.03.21
Revised Date :
Page No. : 2/4
PL2950A3
CYStek Product Specification
ELECTRICALCHARACTERISTICS (at Ta =25℃, =15V;unless otherwise noted)
Parameter
Conditions(Note 2)
Min
Typ
Max
Units
Output Voltage
-25℃≤TJ≤85℃
Full Operating Temperature
0.985∣Vo∣
0.98∣Vo∣
Vo
1.015∣Vo∣
1.02∣Vo∣
Output Voltage
100μA≤IL≤100mA,TJ≤TJMAX
0.976∣Vo∣
Vo
1.024∣Vo∣
V
Output Voltage Temperature
Coefficient
(Note 1)
-
50
150
ppm/℃
Line Regulation(Note 3)
VO+1V≤Vin≤30V
-
0.04
0.4
%
Load Regulation(Note 3)
100μA≤IL≤100mA
-
0.1
0.3
%
Dropout Voltage(Note 4)
IL=100μA
IL=100mA
-
50
380
80
450
mV
Ground Current
IL=100μA
IL=100mA
-
75
8
120
12
Μ
A
mA
Dropout Ground Current
Vin=Vo-0.5V,IL=100μA
-
110
170
μ
A
Current Limit
Vout=0
-
160
200
mA
Thermal Regulation
-
0.05
0.2
%/W
Output Noise, 10Hz to
100KHz
CL=1μF
CL=200μF
CL=3.3μF
-
430
160
100
-
μVrms
Note 1:Output or reference voltage temperature coefficients defined as the worse case voltage change divided by the
total temperature range.
Note 2:Unless otherwise specified all limits guaranteed for TJ=25℃,Vin=Vo+1V,IL=100μA and CL=1μF.
Note 3.Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 4:Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential. At very low values of programmed output voltage, the mini-
mum input supply voltage of 2V(2.3V over temperature) must be taken into account.
Block Diagram and Typical Application
INPUT
OUTPUT
GROUND
Vo
+
1μF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com