Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPAM05S Datasheet(PDF) 1 Page - Total Power International

Part # TPAM05S
Description  PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 5-WATTS SINGLE AND DUAL OUTPUT TPAM05S AND TPAM05D SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM05S Datasheet(HTML) 1 Page - Total Power International

  TPAM05S Datasheet HTML 1Page - Total Power International TPAM05S Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image



   
 
TPTP 






!"
   
 
!"
  
 
!"
 
!"
  

!"
   
!"
  


  
   
    
 
  !
 "#  $% &'()# (%* 
 +,()# +##)-- #% 
 . %/0
1)%)%/&)% 
1/&)%23
   )%)%23
. %/4565"78'##7
 ,419,4
 : ##%*&,

  
! 4 6%+&-#*%
! 4 6%+&-#*%
! ;%%# 
!:0 
 " tn: 05S<=%
   D<=%
" 4<=% 
    <=%
# $ = !% ! 
!%7)+'%+&&,+&)%)%
&'(8,=(,+&)%)%%+''5
)% 5> ('?!1 
# '( @ +&-
!* % ?)%=(@ &-  
('?!% 




++  = = 
),   A
- 8+$ 8 B) &8'?!+)+% 
- "  )%)%@'%-  %)&#+& 
' ##%*&,4(''>+&-
='*&- 
 /,% #+#%&%%* ,'#%+ &'#) 
  -
%,   ;%%#)?++&*
)+ )03 ":'##/
!  -   %CD&- 
  D%CD>+%*)% %+&- %+&-'+& ' 
  =D(,CD8:%CD:
  6 ( % %+&-*%
) -    D%C9D
-    ++ =D
"%=613&& &#+&-
 &@ %+&'+&-(CD()'''
%' #%:8.,@+&-++# ,, &  
(()'''ECD+&&(+&  
 . /
   !"
 #$%&'# &'#('# ('#"


TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - TPAM05S

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAM05S-033130 TOTAL-POWER-TPAM05S-033130 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
TPAM05S-050100 TOTAL-POWER-TPAM05S-050100 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
TPAM05S-090060 TOTAL-POWER-TPAM05S-090060 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
TPAM05S-120045 TOTAL-POWER-TPAM05S-120045 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
TPAM05S-150036 TOTAL-POWER-TPAM05S-150036 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - TPAM05S

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAM10S TOTAL-POWER-TPAM10S Datasheet
207Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 10-WATTS SINGLE AND DUAL OUTPUT TPAM10S AND TPAM10D SERIES
TPAM15S TOTAL-POWER-TPAM15S Datasheet
252Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT TPAM15S SERIES
TPAM16S TOTAL-POWER-TPAM16S Datasheet
266Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 16-WATTS SINGLE AND DUAL OUTPUT TPAM16S AND TPAM16D SERIES
logo
HITRON ELECTRONICS CORP...
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com