Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLTT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PLTT
Description  Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLTT Datasheet(HTML) 2 Page - Vishay Siliconix

  PLTT_V01 Datasheet HTML 1Page - Vishay Siliconix PLTT_V01 Datasheet HTML 2Page - Vishay Siliconix PLTT_V01 Datasheet HTML 3Page - Vishay Siliconix PLTT_V01 Datasheet HTML 4Page - Vishay Siliconix PLTT_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLTT
www.vishay.com
Vishay Dale Thin Film
Revision: 16-Mar-2021
2
Document Number: 60082
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Consult factory for additional case size
COMPONENT RATINGS
CASE SIZE
POWER RATING AT 70 °C
(mW)
WORKING VOLTAGE
(V)
RESISTANCE RANGE
(Ω)
0603
150
75
75 to 130K
0805
250
100
250 to 260K
1206
400
200
500 to 775K
2010
800
200
500 to 2M
2512
1000
200
500 to 3M
DIMENSIONS in inches
CASE SIZE
TERM
L
W
T
D
E
0603
G
0.064 ± 0.006
0.032 ± 0.005
0.015 to 0.033
0.012 ± 0.005
0.015 ± 0.005
0805
G
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.016 ± 0.008
0.015 ± 0.005
1206
G
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 + 0.005/- 0.010
0.020 + 0.005/- 0.010
2010
G
0.209 ± 0.009
0.098 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2512
G
0.259 ± 0.009
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
ENVIRONMENTAL TESTS - MIL-PRF-55342
ENVIRONMENTAL TEST
CONDITIONS
TYPICAL VISHAY PERFORMANCE
Thermal Shock
MIL-STD-202 method 107 cond F, -65 °C to +150 °C
± 0.02 %
Short Time Overload
MIL-PRF-55342 para 4.8.6, 2.5 x rated working voltage
± 0.01 %
Low Temperature Operation
MIL-PRF-55342 para 4.8.5, -65 °C
± 0.01 %
Resistance to Soldering Heat
MIL-STD-202 method 210
± 0.01 %
Moisture Resistance
MIL-STD-202 method 106, no power applied
± 0.02 %
High Temperature Exposure
MIL-PRF-55342 para 4.8.7, at 150 °C for 100 h
± 0.02 %
Life
MIL-STD-202 method 108,
25 % rated power for 2000 h at 215 °C
± 0.50 %
TCR
MIL-STD-202 method 304
± 5 ppm/°C
ENVIRONMENTAL TESTS - AEC-Q200 PLTT0603 Case Size Only
ENVIRONMENTAL TEST
CONDITIONS
TYPICAL VISHAY PERFORMANCE
High temperature storage
MIL-STD-202 method 108, 1000 h at 125 °C
± 0.10 %
Temperature cycling
JESD22 method JA-104, 1000 cycles,
-55 °C to +155 °C
± 0.25 %
Moisture resistance
MIL-STD-202 method 106, no power applied
± 0.10 %
Biased humidity
MIL-STD-202 method 103, 1000 h at 85 °C,
85 % RH, 10 % rated power
± 0.20 %
Life
MIL-STD-202 method 108,
1000 h at 175 °C, 50 % rated power
± 0.50 %
Mechanical shock
MIL-STD-202 method 213, condition C
± 0.02 %
Vibration
MIL-STD-202 method 204, 10 Hz to 2 kHz
± 0.02 %
Resistance to soldering heat
MIL-STD-202 method 210, condition B
± 0.02 %
Electrostatic discharge
AEC-Q200-002, human body (< 1 k
Ω: 1 kV; > 1 kΩ: 2 kV)
< 1 k
Ω: 1 kV; > 1 kΩ: 2 kV
Solderability
MIL-STD-883 method 2003 para 2.3.1 and J-STD-002
Pass
TCR
MIL-STD-202 method 304
± 5 ppm /°C
Die shear
MIL-PRF-55342, 0.5 kg for 30 s minimun
Pass
Flame retardance
AEC-Q200-001 para 4.0
Pass
D
W
L
T
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com