Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # RCLE3
Description  Long Side Termination Thick Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCLE3 Datasheet(HTML) 7 Page - Vishay Siliconix

  RCLE3_V01 Datasheet HTML 1Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 2Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 3Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 4Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 5Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 6Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 7Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 8Page - Vishay Siliconix RCLE3_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 17-Dec-2021
7
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
4.13
-
Short time overload
U = 2.5 x
≤ 2 x Umax.;
whichever is the less severe;
5 s
± (2 %
R + 0.05 Ω)
4.27
-
Single pulse high
voltage overload
Severity no. 4:
U = 10 x
or
U = 2 x Umax.;
whichever is the less severe;
10 pulses 10 μs/700 μs
± (1 %
R + 0.05 Ω)
no visible damage
4.39
-
Periodic electric
overload
U =
or
U = 2 x Umax.;
whichever is the less severe;
0.1 s on; 2.5 s off;
1000 cycles
± (1 %
R + 0.05 Ω)
no visible damage
4.38
-
Electrostatic
discharge
(human body model)
IEC 61340-3-1 (1);
3 pos. + 3 neg. discharges;
ESD voltage acc. to the size
± (1 %
R + 0.05 Ω)
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2;
7.5 h
± (0.25 %
R + 0.05 Ω)
no visible damage
± (0.5 %
R + 0.05 Ω)
no visible damage
4.17
58 (Td)
Solderability
Solder bath method;
Sn60Pb40
non-activated flux;
(235 ± 5) °C;
(2 ± 0.2) s
Good tinning (
≥ 95 % covered)
no visible damage
Solder bath method;
Sn96.5Ag3Cu0.5
non-activated flux;
(245 ± 5) °C;
(3 ± 0.3) s
4.18
58 (Td)
Resistance to
soldering heat
Solder bath method
(260 ± 5) °C;
(10 ± 1) s
± (0.25 %
R + 0.05 Ω)
± (0.5 %
R + 0.05 Ω)
4.29
45 (XA)
Component solvent
resistance
Isopropyl alcohol;
+50 °C; method 2
No visible damage
4.32
21 (Uu3)
Shear
(adhesion)
17.7 N
No visible damage
4.33
21 (Uu1)
Substrate bending
Depth 2 mm;
3 times
± (0.25 %
R + 0.05 Ω)
no visible damage, no open circuit in bent position
4.7
-
Voltage proof
U = 1.4 x Uins; 60 s
No flashover or breakdown
4.35
-
Flammability,
needle flame test
IEC 60695-11-5 (1);
10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product types:
STABILITY CLASS 1
OR BETTER
STABILITY CLASS 2
OR BETTER
RCL e3
1
Ω to 2.2 MΩ
P
70 x R
P
70 x R
15 x P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com