Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLE3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # RCLE3
Description  Long Side Termination Thick Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCLE3 Datasheet(HTML) 6 Page - Vishay Siliconix

  RCLE3 Datasheet HTML 1Page - Vishay Siliconix RCLE3 Datasheet HTML 2Page - Vishay Siliconix RCLE3 Datasheet HTML 3Page - Vishay Siliconix RCLE3 Datasheet HTML 4Page - Vishay Siliconix RCLE3 Datasheet HTML 5Page - Vishay Siliconix RCLE3 Datasheet HTML 6Page - Vishay Siliconix RCLE3 Datasheet HTML 7Page - Vishay Siliconix RCLE3 Datasheet HTML 8Page - Vishay Siliconix RCLE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 17-Dec-2021
6
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
All executed tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification
EN 60115-8 (successor of EN 140400),
sectional specification
EN 140401-802, detail specification
IEC 60068-2-xx, test methods
The parameters stated in the Test Procedures and
Requirements table are based on the required tests
and permitted limits of EN 140401-802. The table presents
only the most important tests, for the full test schedule refer
to the documents listed above. However, some additional
tests and a number of improvements against those
minimum requirements have been included.
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5201-1.
The tests are carried out under standard atmospheric
conditions in accordance with IEC 60068-1, 4.3, whereupon
the following values are applied:
Temperature: 15 °C to 35 °C
Relative humidity: 25 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product types:
STABILITY CLASS 1
OR BETTER
STABILITY CLASS 2
OR BETTER
RCL e3
1
Ω to 2.2 MΩ
4.5
-
Resistance
-
± 1 %
± 5 %
4.8
-
Temperature
coefficient
(20 / -55 / 20) °C and
(20 / 155 / 20) °C
± 100 ppm/K
± 200 ppm/K
4.25.1
-
Endurance at 70 °C
U =
or
U = Umax.;
whichever is the less severe;
1.5 h on; 0.5 h off
70 °C; 1000 h
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
70 °C; 8000 h
± (2 %
R + 0.1 Ω)± (4 % R + 0.1 Ω)
4.25.3
-
Endurance at
upper category
temperature
155 °C, 1000 h
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH;
± (1 %
R + 0.05 Ω)
4.37
67 (Cy)
Damp heat,
steady state,
accelerated
(85 ± 2) °C; (85 ± 5) % RH;
U =
≤ 100 V;
1000 h
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
4.23
-
Climatic sequence:
-
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
4.23.2
2 (Bb)
dry heat
125 °C; 16 h
4.23.3
30 (Db)
damp heat, cyclic
55 °C; 24 h;
≥ 90 % RH;
1 cycle
4.23.4
1 (Ab)
cold
-55 °C; 2 h
4.23.5
13 (M)
low air pressure
8.5 kPa; 2 h; (25 ± 10) °C
4.23.6
30 (Db)
damp heat, cyclic
55 °C; 24 h;
≥ 90 % RH;
5 cycles
4.23.7
-
DC load
U =
≤ Umax.; 1 min
-
1 (Aa)
Cold
-55 °C; 2 h
± (0.25 %
R + 0.05 Ω)
± (0.5 %
R + 0.05 Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at -55 °C and
30 min at 125 °C;
1000 cycles
± (1 %
R + 0.05 Ω)
P
70 x R
0.1 x P
85 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com