Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPVE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TNPVE3
Description  High Voltage Thin Film Flat Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPVE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TNPVE3 Datasheet HTML 1Page - Vishay Siliconix TNPVE3 Datasheet HTML 2Page - Vishay Siliconix TNPVE3 Datasheet HTML 3Page - Vishay Siliconix TNPVE3 Datasheet HTML 4Page - Vishay Siliconix TNPVE3 Datasheet HTML 5Page - Vishay Siliconix TNPVE3 Datasheet HTML 6Page - Vishay Siliconix TNPVE3 Datasheet HTML 7Page - Vishay Siliconix TNPVE3 Datasheet HTML 8Page - Vishay Siliconix TNPVE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TNPV e3
www.vishay.com
Vishay Draloric
Revision: 02-Dec-2021
4
Document Number: 28881
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Note
• The solid line is based on IEC/EN reference test conditions which is considered as standard mode. However, above that the maximum
permissible film temperature is 155 °C (dashed line)
Note
• The permissible operating voltage equals the rated voltage
. For ambient temperatures above 70 °C power derating must
be considered
-55
Ambient Temperature in °C
Derating
-25
0
25
50
75
100
125
150
175
100
120
80
60
40
20
0
EN
70
100K
Resistance Value in
:
Nominal Operating Voltage
1M
10M
1000
1200
800
600
400
200
0
TNPV1210 e3
TNPV1206 e3
TNPV0805 e3
U
R
P
70 x R
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com