Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSLF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLF
Description  Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLF Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLF Datasheet HTML 1Page - Vishay Siliconix WSLF Datasheet HTML 2Page - Vishay Siliconix WSLF Datasheet HTML 3Page - Vishay Siliconix WSLF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSLF
www.vishay.com
Vishay Dale
Revision: 28-Jun-2022
1
Document Number: 30193
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors,
Low Value (Down to 0.0003 Ω), Surface-Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
•Power Metal Strip® all-welded construction is
ideal for all types of current sensing, voltage
division, and pulse applications
• Solid metal nickel-chrome, manganese-copper,
or
manganese-copper-tin
alloy
resistive
element with low TCR (< 20 ppm/°C)
• Proprietary processing technique produces
extremely low resistance values, down to
0.0003
Ω
• Sulfur resistance by construction that is unaffected by
high sulfur environments
• Very low inductance (< 2 nH)
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• Follow link to “Overview of Automotive Grade Products” for
more details: www.vishay.com/doc?49924
(1) Flame retardance test may not be applicable to some resistor
technologies
Notes
• Part marking: no part marking on these parts
(1) See Fig. 1 - Ambient Temperature Derating
(2) See Fig. 2 - Terminal Temperature Derating
(3) Other values may be available, contact factory
Notes
(1) Packaging code: EB (lead (Pb)-free) are non-standard packaging codes designating 1000 piece reels. These non-standard packaging codes
are identical to our standard EA (lead (Pb)-free), except that they have a package quantity of 1000 pieces
(2) Follow link for customization capabilities: www.vishay.com/doc?48163
333
DDD3 D
3D Models
Design Tools
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER
RATING
P70 °C (1)
W
POWER
RATING
P100 °C (2)
W
TOLERANCE
%
RESISTANCE VALUE
RANGE
Ω
RESISTANCE VALUES
CURRENTLY AVAILABLE (3)
Ω
WEIGHT
(typical)
g/1000 pieces
WSLF2512
2512
10.0
9.0
1.0, 5.0
0.3m to 0.5m
0.3m, 0.5m
258
2512
6.0
4.0
1.0, 5.0
1m to 2m
1m, 1.3m, 1.5m, 2m
212
2512
4.0
3.0
1.0, 5.0
3m
3m
267
2512
3.0
3.0
1.0, 5.0
4m
4m
267
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: WSLF25121L000FEA (WSLF2512, 0.001
Ω, ± 1 %)
(visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(8 digits)
RESISTANCE VALUE
(5 digits)
TOLERANCE CODE
(1 digit)
PACKAGING CODE (1)
(2 digits)
SPECIAL (2)
(2 digits)
WSLF2512
L = mΩ
L5000 = 0.0005 Ω
1L000 = 0.0010 Ω
F = ± 1.0 %
J = ± 5.0 %
EA = lead (Pb)-free, tape / reel
Reserved for future
specials
W
S
L
F
2
5
1
2
1
L
0
0
0
F
E
A


Similar Part No. - WSLF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
07-Apr-17
WSLF1206 VISHAY-WSLF1206 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
WSLF1206L5000FE6 VISHAY-WSLF1206L5000FE6 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
WSLF1206L5000JE6 VISHAY-WSLF1206L5000JE6 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
WSLF1206LFE6 VISHAY-WSLF1206LFE6 Datasheet
121Kb / 5P
Power Metal Strip® Current Sense Resistors
17-Oct-2025
More results

Similar Description - WSLF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL3921 VISHAY-WSL3921_07 Datasheet
265Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
29-Mar-07
WSLP3921 VISHAY-WSLP3921 Datasheet
90Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 10 W) Low Value (Down to 0.0003 Ω), Surface Mount
18-Nov-10
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
07-Apr-17
WSL5931 VISHAY-WSL5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
19-Jul-2022
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
29-Jun-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com