Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRN3015C-R24M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRN3015C-R24M
Description  SRN3015C Series – Semi-Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN3015C-R24M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRN3015C-R24M Datasheet HTML 1Page - Bourns Electronic Solutions SRN3015C-R24M Datasheet HTML 2Page - Bourns Electronic Solutions SRN3015C-R24M Datasheet HTML 3Page - Bourns Electronic Solutions SRN3015C-R24M Datasheet HTML 4Page - Bourns Electronic Solutions SRN3015C-R24M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRN3015C Series Semi-shielded Power Inductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
L vs. I Charts (continued)
8.00
6.40
4.80
3.20
1.60
0
12.00
9.60
7.20
4.80
2.40
0
20.00
16.00
12.00
8.00
4.00
0
0
0.40
0.80
1.20
1.60
2.00
0
0.25
0.50
0.75
1.00
1.25
DC Current (A)
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
SRN3015C-6R8M
0
0.36
0.72
1.08
1.44
1.80
DC Current (A)
0
0.30
0.60
0.90
1.20
1.50
DC Current (A)
SRN3015C-100M
SRN3015C-150M
22.00
17.60
13.20
8.80
4.40
0
60.00
48.00
36.00
24.00
12.00
0
130.0
104.0
78.0
52.0
26.0
0
25.00
20.00
15.00
10.00
5.00
0
40.00
32.00
24.00
16.00
8.00
0
DC Current (A)
0
0.24
0.48
0.72
0.96
1.20
DC Current (A)
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
SRN3015C-180M
SRN3015C-220M
0
0.20
0.40
0.60
0.80
1.00
DC Current (A)
SRN3015C-330M
0
0.18
0.36
0.54
0.72
0.90
DC Current (A)
0
0.090
0.180
0.270
0.360
0.450
DC Current (A)
SRN3015C-470M
SRN3015C-101M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com