Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRN3015C-R47M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRN3015C-R47M
Description  SRN3015C Series – Semi-Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN3015C-R47M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRN3015C-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRN3015C-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRN3015C-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRN3015C-R47M Datasheet HTML 4Page - Bourns Electronic Solutions SRN3015C-R47M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Soldering Profile
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temperature
(tp)
< 30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
25
260
Time (Seconds)
REFLOW TIMES: 3 TIMES MAX.
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
Time 25 °C to Peak
8 Minutes Max.
TC -5 °C
200 °C
60~150
Sec.
217
150°C
60~120
Sec.
< 30 Sec.
SRN3015C Series Semi-shielded Power Inductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
L vs. I Charts
0.30
0.24
0.18
0.12
0.06
0
0.60
0.48
0.36
0.24
0.12
0
0.80
0.64
0.48
0.32
0.16
0
0
1.4
2.8
4.2
5.6
7.0
0
0.70
1.40
2.10
2.80
3.50
DC Current (A)
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
SRN3015C-R24M
0
1.0
2.0
3.0
4.0
5.0
DC Current (A)
0
0.90
1.80
2.70
3.60
4.50
DC Current (A)
SRN3015C-R47M
SRN3015C-R68M
1.20
0.96
0.72
0.48
0.24
0
4.00
3.20
2.40
1.60
0.80
0
6.00
4.80
3.60
2.40
1.20
0
7.00
5.60
4.20
2.80
1.40
0
2.00
1.60
1.20
0.80
0.40
0
2.50
2.00
1.50
1.00
0.50
0
DC Current (A)
0
0.64
1.28
1.92
2.56
3.20
DC Current (A)
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
80
64
48
32
16
0
SRN3015C-1R0M
SRN3015C-1R5M
0
0.54
1.08
1.62
2.16
2.70
DC Current (A)
SRN3015C-2R2M
0
0.50
1.00
1.50
2.00
2.50
DC Current (A)
0
0.46
0.92
1.38
1.84
2.30
DC Current (A)
0
0.42
0.84
1.26
1.68
2.10
DC Current (A)
SRN3015C-3R3M
SRN3015C-4R7M
SRN3015C-5R6M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com