Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCP Datasheet(PDF) 1 Page - Emerson Network Power

Part # SCP
Description  SCP Series, 30 Watt; Single, Dual and Triple
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SCP Datasheet(HTML) 1 Page - Emerson Network Power

  SCP Datasheet HTML 1Page - Emerson Network Power SCP Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Supplies
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© December 2018
149
SCP Series, 30 Watt; Single, Dual and Triple
The SolaHD SCP switchers are compact, rugged power
supplies designed to power many of your industrial control
and instrumentation devices and equipment, with high reli-
ability and tight regulation through the most difficult factory
floor conditions around the globe. “User friendly” applies
to these unique power supplies that feature easy-to-install
DIN rail and chassis mounting. Terminations are also easy
to access (AC and DC terminations are well separated) and
simple to wire. Safety is another aspect where the SCP
distinguishes itself. The encapsulated design meets IP20
specifications, and the wide range of voltages will reliably
support almost any low power device in your cabinet or
system for years
to come.
Features
• International approvals for global use
• DIN Rail or Chassis Mount
• Rugged, encapsulated design to resist environment
• IP20 protection
• Many output voltages, 3.3-48 Volts; single, dual, triple
• Five year limited warranty
Packaging and Mounting Specifications
• Simple snap-on for DIN Rail TS35/7.5 or TS35/15
• M3 screw clamp terminations
• Chassis mounting possible on -DN Low Profile versions
by removing DIN clips (simply unscrew at the back of
the unit).
Selection Table
Options and Accessories
• SCP-MDC – Pair of metal DIN clips
• SCP-PDC – 1 plastic DIN clip with lever for
removal from rail
Certifications and Compliances
UL 60950
E137632
CUL/CSA-C22.2
No. 234-M90
UL Recognized Component, ITE, E137632
- IEC/EN 60950-1, 2nd Edition
• IP20
• RoHS Compliant
Please order using the following model number suffixes:
-DN: Low Profile – DIN Rail or Chassis Mount
(ie: SCP30S3.3-DN).
B-DN: Slim Line – DIN Rail Mount Availability Only
(ie: SCP30S3.3B-DN).
Note:
Slim line version not available on SCP30D512-DN
Low Profile
Catalog
Number
Description
Output Voltages
Min
Load
V1
A
Efficiency
%
V1
V2
V3
Vdc
A
Vdc
A
Vdc
A
SCP 30S3.3-DN
3.3 V
3.3
6.0
-
-
-
-
0
≥ 62
SCP 30S5-DN
5 V
5
6.0
-
-
-
-
0
≥ 70
SCP 30S12-DN
12 V
12
2.5
-
-
-
-
0
≥ 75
SCP 30S15-DN
15 V
15
2.0
-
-
-
-
0
≥ 75
SCP 30S24-DN
24 V
24
1.3
-
-
-
-
0
≥ 77
SCP 30S48-DN
48 V
48
0.6
-
-
-
-
0
≥ 77
SCP 30D12-DN
Dual O/P +/- 12 V
12
1.2
-12
1.2
-
-
0.12
≥ 68
SCP 30D15-DN
Dual O/P +/- 15 V
15
1.0
-15
1.0
-
-
0.15
≥ 68
SCP 30D512-DN Dual O/P 5 V & 12 V
5
3.0
12
1.2
-
-
0.3
≥ 68
SCP 30D524-DN Dual O/P 5 V & 24 V
5
3.0
24
0.6
-
-
0.3
≥ 68
SCP 30T512-DN Triple O/P 5/12/12 V
5
3.0
-12
0.6
12
0.6
0.3
≥ 68
SCP 30T515-DN Triple O/P 5/15/15 V
5
3.0
-15
0.5
15
0.5
0.3
≥ 68
E137632


Similar Part No. - SCP

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
SCP-1840 SENSITRON-SCP-1840 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
SCP-1841 SENSITRON-SCP-1841 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Astrodyne Corporation
SCP-1K2 ASTRODYNE-SCP-1K2 Datasheet
1Mb / 3P
900~1200W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-1K2 MEANWELL-SCP-1K2 Datasheet
379Kb / 3P
900~1200W Parallel (N1) With PFC Function
More results

Similar Description - SCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1101 ETC1-TP1101 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
logo
Artesyn Technologies
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
Single, dual and triple output 30 Watt Wide input DC/DC converters
logo
Recom International Pow...
RAC30-3.3SA RECOM-RAC30-3.3SA Datasheet
96Kb / 3P
30 Watt Single, Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
40 Watt Single, Dual & Triple Output
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
30-60 Watt Single , Dual & Triple Output
RAC30-A RECOM-RAC30-A Datasheet
87Kb / 2P
30 Watt Single/Dual/Double & Triple Output
REC30-123.4S RECOM-REC30-123.4S Datasheet
380Kb / 7P
30 Watt Single and Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
30 Watt Single and Dual Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
RAC30-S-D-TA RECOM-RAC30-S-D-TA Datasheet
87Kb / 2P
30 Watt Single/Dual/ Double & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com